전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1491 데이터시트(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 2SA1491
상세설명  Silicon PNP Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1491 데이터시트(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1491 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1491 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1491 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1491 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1491
DESCRIPTION
・With TO-3PN package
・Complement to type 2SC3855
APPLICATIONS
・Audio and general purpose
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-140
V
VCEO
Collector-emitter voltage
Open base
-140
V
VEBO
Emitter-base voltage
Open collector
-6
V
IC
Collector current
-10
A
IB
Base current
-4
A
PC
Collector power dissipation
TC=25℃
100
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-3PN) and symbol


유사한 부품 번호 - 2SA1491

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SA1491 WINGS-2SA1491 Datasheet
25Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Inchange Semiconductor ...
2SA1491 ISC-2SA1491 Datasheet
308Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1491 SAVANTIC-2SA1491 Datasheet
281Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1491 JMNIC-2SA1491 Datasheet
297Kb / 4P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1491 NJSEMI-2SA1491 Datasheet
186Kb / 2P
   Silicon PNP Power Transistor
More results

유사한 설명 - 2SA1491

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com