전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1494 데이터시트(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 2SA1494
상세설명  Silicon PNP Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1494 데이터시트(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1494 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1494 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1494 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1494 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
JMnic
Product Specification
4
Silicon PNP Power Transistors
2SA1494


유사한 부품 번호 - 2SA1494

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2SA1494 MOSPEC-2SA1494 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,200V,200W)
logo
Sanken electric
2SA1494 SANKEN-2SA1494 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
logo
Inchange Semiconductor ...
2SA1494 ISC-2SA1494 Datasheet
115Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1494 SAVANTIC-2SA1494 Datasheet
168Kb / 4P
   Silicon PNP Power Transistors
logo
Sanken electric
2SA1494 SANKEN-2SA1494 Datasheet
34Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
More results

유사한 설명 - 2SA1494

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com