전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1060 데이터시트(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 2SA1060
상세설명  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1060 데이터시트(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1060 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1060 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1060 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2SA1060
DESCRIPTION
・With TO-3PN package
・Complement to type 2SC2484
・High collector power dissipation
APPLICATIONS
・High power audio frequency amplifier
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Ta=25)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-80
V
VCEO
Collector-emitter voltage
Open base
-80
V
VEBO
Emitter-base voltage
Open collector
-6
V
IC
Collector current (DC)
-5
A
ICM
Collector current-peak
-8
A
PC
Collector power dissipation
TC=25℃
60
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-3PN) and symbol


유사한 부품 번호 - 2SA1060

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SA1060 PANASONIC-2SA1060 Datasheet
98Kb / 2P
   SILICON EPITAXAL BASE VLESA TRANSISTOR
logo
Inchange Semiconductor ...
2SA1060 ISC-2SA1060 Datasheet
122Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1060 SAVANTIC-2SA1060 Datasheet
139Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1060 JMNIC-2SA1060 Datasheet
265Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1060 NJSEMI-2SA1060 Datasheet
186Kb / 2P
   Silicon PNP Power Transistor
More results

유사한 설명 - 2SA1060

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com