전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP-8998SQ-07-1001-JF-0 데이터시트(PDF) 3 Page - IRC - a TT electronics Company.

부품명 FP-8998SQ-07-1001-JF-0
상세설명  Space Flight Surface Mount Flat Packs Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRCTT [IRC - a TT electronics Company.]
홈페이지  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

FP-8998SQ-07-1001-JF-0 데이터시트(HTML) 3 Page - IRC - a TT electronics Company.

  FP-8998SQ-07-1001-JF-0 Datasheet HTML 1Page - IRC - a TT electronics Company. FP-8998SQ-07-1001-JF-0 Datasheet HTML 2Page - IRC - a TT electronics Company. FP-8998SQ-07-1001-JF-0 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Space Flight Surface Mount
Flat Packs Resistor Networks
Ordering Data
Prefix
FP - 8989 SQ - 05 - 1001 - B
B - 1
Model
8987 = 14-pin bussed schematic B
8989 = 14-pin isolated schematic A
8998 = 16-pin bussed schematic B
8999 = 16-pin isolated schematic A
Special Screening Indicator
SQ = EEE-INST-002 Level 1
TCR Code
04 = ±300ppm/°C; 05 = ±100ppm/°C; 06 = ±50ppm/°C
07 = ±25ppm/°C
Resistance Code
4-Digit resistance code. Ex: 1002 = 10K
Ω; 50R0 = 50Ω
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%; B = ±0.1%
Optional R1 Ratio Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%; B = ±0.1%; A = ±0.05%
Terminal Finish Option
0 = gold plating; 1 = 60/40 Sn/Pb hot solder dip
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
25
70
150
100
50
10
Ambient Temperature (°C)
Power Derating Curve
8900 Space Series Issue Feb 2009 Sheet 3 of 3


유사한 부품 번호 - FP-8998SQ-07-1001-JF-0

제조업체부품명데이터시트상세설명
logo
IRC - a TT electronics ...
FP-8998-01-1001DB IRCTT-FP-8998-01-1001DB Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8998-01-1001DC IRCTT-FP-8998-01-1001DC Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8998-01-1001DD IRCTT-FP-8998-01-1001DD Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8998-01-1001DF IRCTT-FP-8998-01-1001DF Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8998-01-1001FB IRCTT-FP-8998-01-1001FB Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
More results

유사한 설명 - FP-8998SQ-07-1001-JF-0

제조업체부품명데이터시트상세설명
logo
IRC - a TT electronics ...
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Vishay Siliconix
FP200 VISHAY-FP200 Datasheet
99Kb / 2P
   Hermetic Flat-Pak Resistor Networks
Revision 18-Nov-02
FP201 VISHAY-FP201 Datasheet
223Kb / 3P
   Hermetic Flat-Pak Resistor Networks
Revision: 05-Mar-08
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com