전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD110-10 데이터시트(PDF) 1 Page - Tumbler Technologies + TRUMPower

부품명 PD110-10
상세설명  110 WATT DC TO DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRUMPOWER [Tumbler Technologies + TRUMPower]
홈페이지  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PD110-10 데이터시트(HTML) 1 Page - Tumbler Technologies + TRUMPower

  PD110-10 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PD110-10 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower PD110-10 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com
110 WATT DC TO DC CONVERTERS
DESCRIPTION
The PD110 series of DC/DC converters provide up to 110 watts
of continuous output power. Available in three standard input
range of 10-20 VDC, 18-36 VDC and 36-72 VDC, they are
ideal for a variety of applications including telecoms, portable
equipment and vehicle mounted instrumentation.
All units
are available in compact “open PCB” or “enclosed” mechanical
formats.
FEAT URES
‧ Low cost
‧ Sm all siz e , light w e ight
‧ 100 ﹪ burn-in
‧ O v ervolt age pr ot ect ion
‧ Over curr ent pr otection
‧ Thr ee w i de input ranges:
10-20 VDC, 18-36 VDC and 36-72 VDC
PD110 SERIES
INPUT SPECIFICAT IONS
Input voltage :
10 t o 20 VD C ( PD11 0 “ L ” series )
18 t o 36 VDC( PD1 1 0 “ M ” series )
36 t o 72 VD C ( PD11 0 “H” series )
Input curr ent :
15A ( rm s ) f o r 12VDC
9. 4A ( rm s ) f o r 24VDC
4. 7A ( rm s ) f o r 48VDC
ENVIRONMENTAL SPECIFICAT IONS
Operating tem p eratur e :
0 ℃
to +70 ℃
St orage t e m p erat u r e :
-4 0 ℃
to +85 ℃
Relative hum idity :
5 ﹪ to 95 ﹪ non- condensing
Derating :
Derate f r om 100 ﹪ at +50 ℃
linearly to 50 ﹪ at +70 ℃
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
110 watts maximum
Ripple and noise:
1﹪ peak to peak max.
Overvoltage protection:
set at 112 - 132﹪ of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪ /℃
maximum
Transient response:
Maximum excursion of 4﹪ or
better on all models, recovering
to 1﹪ of final value within
500us after a 25﹪ step load
change
GENERAL SPECIFICATIONS
Switching frequency:
50KHz ±5KHz
Efficiency:
70﹪ minimum at full load
Line regulation:
±0.5﹪ maximum at full load
Withstand voltage:
1000VDC from input to output
MTBF:
400,000 hours minimum at full load
at 25℃ ambient, calculated per
MIL-HDBK-217F


유사한 부품 번호 - PD110-10

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PD110-10 ETC-PD110-10 Datasheet
90Kb / 2P
   DC/DC Converters
logo
Powerbox
PD110-10 POWERBOX-PD110-10 Datasheet
1Mb / 4P
   40-110 WATTS WIDE INPUT
More results

유사한 설명 - PD110-10

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TD110 TRUMPOWER-TD110 Datasheet
292Kb / 3P
   110 WATT DC/DC CONVERTERS
logo
List of Unclassifed Man...
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
logo
Tumbler Technologies + ...
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
List of Unclassifed Man...
E03-56M1 ETC-E03-56M1 Datasheet
60Kb / 1P
   3 WATT DC TO DC CONVERTERS
logo
Tumbler Technologies + ...
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
RSG Electronic Componen...
EC2A01N RSG-EC2A01N Datasheet
1,002Kb / 1P
   1.0 TO 1.5 WATT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
logo
Bel Fuse Inc.
IMX70 BEL-IMX70 Datasheet
2Mb / 17P
   70 to 90 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com