전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD3W-15D1215 데이터시트(PDF) 1 Page - Tumbler Technologies + TRUMPower

부품명 TD3W-15D1215
상세설명  DC/DC CONVERTERS 4:1 Input, 15 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRUMPOWER [Tumbler Technologies + TRUMPower]
홈페이지  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TD3W-15D1215 데이터시트(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TD3W-15D1215 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
OUTPUT
VOLTAGE
-01/2008-
OUTPUT
CURRENT
OUTPUT
POWER
18-72 VDC IN
9-36 VDC IN
TD3W-15S1205
TD3W-15S1212
TD3W-15S1215
TD3W-15D1205
TD3W-15D1212
TD3W-15D1215
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
TD3W Series
4:1 Input, 15 Watt
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
3000 mA
1250 mA
1000 mA
±1500 mA
±625 mA
±500 mA
15W
15W
15W
15W
15W
15W
TD3W-15S2405
TD3W-15S2412
TD3W-15S2415
TD3W-15D2405
TD3W-15D2412
TD3W-15D2415
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and
Full Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-36V Input................................12 VDC
18-72V Input..............................24 VDC
Input Filter........................................................Pi Filter
Reverse Input Protection...............Internal Shunt Diode,
Use External Fuse
OUTPUT SPECIFICATIONS
Voltage Accuracy, Single..............................±1%, Max.
Dual +Output...................±1%, Max.
-Output....................±3%, Max.
Voltage Balance, Dual...................................±1%, Max.
Line Regulation, HL-LL..............................±0.2%, Max.
Load Regulation, 10%FL-FL.......................±0.5%, Max.
Minimum Load, Single Output...............................None
Dual Output.........10% on Each Output
Ripple and Noise, 20MHz BW, 5V/12V...100mVp-p, Max.
15V........120mVp-p, Max.
Short Circuit Protection...............................Continuous
GENERAL SPECIFICATIONS
Efficiency.....................................................77% - 80%
Isolation Voltage, Input to Output...........1,000 VDC, Min.
Switching Frequency.................................200KHz, Min.
Operating Temperature Range...............-15°C to +71°C
Storage Temperature Range................-55°C to +100°C
Cooling..........................................Free-Air Convection
Case Material..............Metal with Non-Conductive Base
0.20
(5.1)
2.00
(50.8)
0.50
(12.7)
0.30
(7.6)
0.1
(2.5)
BOTTOM
VIEW
+OUT
+IN
-OUT
-IN
0.80
(20.3)
0.60
(15.2)
COM/NC*
0.90
(22.9)
2.00
(50.8)
0.30
(7.6)
H
* NC (NO CONNECTION) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
H: 0.43 (11.0)
TRUMPower
DC/DC CONVERTERS
T


유사한 부품 번호 - TD3W-15D1215

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TD3W-15D1215 TRUMPOWER-TD3W-15D1215 Datasheet
27Kb / 1P
   DC/DC CONVERTERS
More results

유사한 설명 - TD3W-15D1215

제조업체부품명데이터시트상세설명
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3WR-10S243.3 TRUMPOWER-TD3WR-10S243.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC5C CINCON-EC5C Datasheet
210Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
   15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC5BW-48S15 ETC2-EC5BW-48S15 Datasheet
107Kb / 2P
   EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TC6-15S123.3 TRUMPOWER-TC6-15S123.3 Datasheet
23Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
logo
List of Unclassifed Man...
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
   15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3-10S123.3 TRUMPOWER-TD3-10S123.3 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com