전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS200-15 데이터시트(PDF) 2 Page - Tumbler Technologies + TRUMPower

부품명 TS200-15
상세설명  200W Compact AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRUMPOWER [Tumbler Technologies + TRUMPower]
홈페이지  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TS200-15 데이터시트(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TS200-15 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TS200-15 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
Derating Curve
Output Derating VS Input Voltage
Unit:mm
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
Ta=25
90
115
125
135
155
264
100
90
80
70
60
50
40
-20
010203040506070
20
50
70
100
125
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMI FILTER
RECTIFIERS
&
PFC
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
I/P
FG
CONTROL
O.V.P.
-V
Block Diagram
fosc : 100KHz
(HORIZONTAL)
DC Output Connector (CN5) : JST B8P-VH or equivalent
Pin No.
1~4
5~8
Assignment
-V
+V
Mating Housing
JST VHR
or equivalent
Terminal
JST SVH-21T-P1.1
or equivalent
AC Input Connector (CN1) : JST B3P-VH or equivalent
Pin No.
1
3
2
Assignment
AC/L
AC/N
No Pin
Mating Housing
JST VHR
or equivalent
Terminal
JST SVH-21T-P1.1
or equivalent
HS1,HS2 can not be shorted
Mating Housing
Molex 5051
or equivalent
Terminal
Molex 4809
or equivalent
Remote Sense(CN3) : Molex 5045-02 or equivalent
Pin No.
1
2
Assignment
RS-
RS+
With FAN
Without FAN
FAN
20.5CFM
HS1
HS2
direction
Air flow
2
CN3
1
127
115.6
5
LED1
3
CN1
1
5
2
3
4
6
7
8
CN5
1
2
SVR1
TRUMPower
200W Compact AC/DC Power Supplies
Tumbler Technologies + TRUMPower • Santa Clara, CA, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TS200 Series


유사한 부품 번호 - TS200-15

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
TS200 BOTHHAND-TS200 Datasheet
197Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
logo
STMicroelectronics
TS2007 STMICROELECTRONICS-TS2007 Datasheet
466Kb / 29P
   3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
TS2007EIJT STMICROELECTRONICS-TS2007EIJT Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007EKIJT STMICROELECTRONICS-TS2007EKIJT Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
More results

유사한 설명 - TS200-15

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
   200W Medical Grade AC/DC Power Supplies
logo
TDK Electronics
KW TDK-KW Datasheet
260Kb / 2P
   Compact AC-DC PCB-Mount Power Supplies
logo
MicroPower Direct, LLC
MPA200L MPD-MPA200L Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPE-60S MPD-MPE-60S Datasheet
229Kb / 2P
   Single Output, 60W Compact, Enclosed AC/DC Power Supplies
MPE-100FS MPD-MPE-100FS Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-320S MPD-MPE-320S Datasheet
265Kb / 2P
   Single Output, 320W Compact, Enclosed AC/DC Power Supplies
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
   Single Output, 150W Compact, Enclosed AC/DC Power Supplies
MPE-25S MPD-MPE-25S Datasheet
239Kb / 2P
   Single Output, 25W Compact, Enclosed AC/DC Power Supplies
MPE-40S MPD-MPE-40S Datasheet
225Kb / 2P
   Single Output, 40W Compact, Enclosed AC/DC Power Supplies
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com