전자부품 데이터시트 검색엔진 |
|
SSM23LPT 데이터시트(PDF) 1 Page - Chenmko Enterprise Co. Ltd. |
|
SSM23LPT 데이터시트(HTML) 1 Page - Chenmko Enterprise Co. Ltd. |
1 / 2 page FEATURES * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * For surface mounted applications * Low profile package * Built-in strain relief * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * High current capability, low forward voltage drop * High surge capability * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed : 260 oC/10 seconds at terminals Case: JEDEC SMA molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Weight: 0.002 ounce 0.064 gram MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%. SSM22LPT THRU SSM24LPT SMA CHENMKO ENTERPRISE CO.,LTD SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 2.0 Amperes ELECTRICAL CHARACTERISTICS ( At TA = 25 oC unless otherwise noted ) NOTES : 2001-6 Maximum Average Reverse Current at Rated DC Blocking Voltage CHARACTERISTICS SYMBOL UNITS 0.40 @ TA = 25 oC @ TA = 100 oC 1.0 10 mAmps mAmps Volts Maximum Instantaneous Forward Voltage at 2.0 A DC MAXIMUM RATINGES ( At TA = 25 oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO CJ VF IR TJ,TSTG IFSM SSM22LPT SSM24LPT UNITS 20 Volts Volts Volts Amps 14 20 SSM23LPT 30 21 30 2.0 60 250 20 -65 to +125 Amps pF oC / W oC 40 28 40 R JL 1. Thermal Resistance ( Junction to Lead ) : PC Board Mounted on 0.2 X 0.2" ( 5 X 5mm ) copper pad area. 2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts. SSM22LPT SSM24LPT SSM23LPT (1) (2) SMA Dimensions in inches and (millimeters) 0.110(2.80) 0.094(2.40) 0.090(2.30) 0.075(1.90) 0.060(1.52) 0.030(0.76) 0.012(0.310) 0.006(0.150) 0.181(4.60) 0.165(4.20) 0.065(1.65) 0.049(1.25) 0.212(5.40) 0.189(4.80) 0.008 (0.203)(max) |
유사한 부품 번호 - SSM23LPT |
|
유사한 설명 - SSM23LPT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |