전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA1517 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA1517
상세설명  6-W STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA1517 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA1517 Datasheet HTML 4Page - Texas Instruments TPA1517 Datasheet HTML 5Page - Texas Instruments TPA1517 Datasheet HTML 6Page - Texas Instruments TPA1517 Datasheet HTML 7Page - Texas Instruments TPA1517 Datasheet HTML 8Page - Texas Instruments TPA1517 Datasheet HTML 9Page - Texas Instruments TPA1517 Datasheet HTML 10Page - Texas Instruments TPA1517 Datasheet HTML 11Page - Texas Instruments TPA1517 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPA1517
6-W STEREO AUDIO POWER AMPLIFIER
SLOS162B – MARCH 1997 – REVISED MARCH 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
PO – Power Output – W
0.01
0.1
1
10
0.1%
0.01%
1%
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
POWER OUTPUT
10%
VCC = 14.5 V
RL = 8 Ω
Both Channels
f = 20 kHz
f = 20 Hz
f = 1 kHz
Figure 14
– 60
– 65
– 70
– 80
20
100
1 k
– 50
– 45
f – Frequency – Hz
CROSSTALK
vs
FREQUENCY
– 40
10 k 20 k
– 55
– 75
VCC = 12 V
RL = 4 Ω
PO = 3 W
Both Channels
– 60
– 65
– 70
– 80
20
100
1 k
– 50
– 45
f – Frequency – Hz
CROSSTALK
vs
FREQUENCY
– 40
10 k 20 k
– 55
– 75
VCC = 14.5 V
RL = 4 Ω
PO = 5 W
Both Channels
Figure 15


유사한 부품 번호 - TPA1517

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI-TPA1517DWP Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI1-TPA1517DWP Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPG4 TI-TPA1517DWPG4 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA1517

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com