전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA4861 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA4861
상세설명  1-W AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA4861 데이터시트(HTML) 4 Page - Texas Instruments

  TPA4861 Datasheet HTML 1Page - Texas Instruments TPA4861 Datasheet HTML 2Page - Texas Instruments TPA4861 Datasheet HTML 3Page - Texas Instruments TPA4861 Datasheet HTML 4Page - Texas Instruments TPA4861 Datasheet HTML 5Page - Texas Instruments TPA4861 Datasheet HTML 6Page - Texas Instruments TPA4861 Datasheet HTML 7Page - Texas Instruments TPA4861 Datasheet HTML 8Page - Texas Instruments TPA4861 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPA4861
1-W AUDIO POWER AMPLIFIER
SLOS163B – SEPTEMBER 1996 – REVISED MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VOO
Output offset voltage
Distribution
1,2
IDD
Supply current distribution
vs Free-air temperature
3,4
THD+N
Total harmonic distortion plus noise
vs Frequency
5,6,7,8,9,
10,11,15,
16,17,18
vs Output power
12,13,14,
19,20,21
IDD
Supply current
vs Supply voltage
22
Vn
Output noise voltage
vs Frequency
23,24
Maximum package power dissipation
vs Free-air temperature
25
Power dissipation
vs Output power
26,27
Maximum power output
vs Free-air temperature
28
Output power
vs Load resistance
29
Output power
vs Supply voltage
30
Open-loop gain
vs Frequency
31
kSVR
Supply ripple rejection ratio
vs Frequency
32,33


유사한 부품 번호 - TPA4861

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861D TI-TPA4861D Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861DG4 TI-TPA4861DG4 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861DR TI-TPA4861DR Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861DRG4 TI-TPA4861DRG4 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA4861

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
logo
Texas Instruments
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1015 PHILIPS-TDA1015 Datasheet
253Kb / 13P
   1 to 4 W audio power amplifier
November 1982
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com