전자부품 데이터시트 검색엔진 |
|
I2010AG-08ST 데이터시트(PDF) 2 Page - PulseCore Semiconductor |
|
I2010AG-08ST 데이터시트(HTML) 2 Page - PulseCore Semiconductor |
2 / 8 page November 2006 P2010A rev 0.2 Low Frequency EMI Reduction IC 2 of 8 Notice: The information in this document is subject to change without notice. Pin Configuration Pin Description Pin# Pin Name Type Description 1 XIN/CLK I Connect to crystal or externally generated clock signal. 2 XOUT I Connect to crystal. No connect if externally generated clock signal is used. 3 FS0 I Digital logic input used to select Input Frequency Range (see Table 1). This pin has an internal pull-up resistor. 4 VSS P Ground Connection. Connect to system ground. 5 SSON I Digital logic input used to enable Spread Spectrum function (Active Low). Spread Spectrum function enable when low. This pin has an internal pull-low resistor. 6 ModOUT O Spread Spectrum Clock Output. 7 SR0 I Digital logic input used to select Spreading Range (see Table 1). This pin has an internal pull-up resistor. 8 VDD P Connect to +3.3V or +5.0V Table 1 - Spread Range Selection FS0 SR0 Spreading Range Input Frequency Modulation rate 1 0 +/- 1.50% 10MHz to 20MHz (Fin/10)*20.83KHz 1 1 +/- 2.50% 10MHz to 20MHz (Fin/10)*20.83KHz 0 0 +/- 1.25% 20MHz to 35MHz (Fin/10)*20.83KHz 0 1 +/- 2.00% 20MHz to 35MHz (Fin/10)*20.83KHz XOUT SSON ModOUT SR0 1 2 3 4 5 6 7 8 P2040C XIN/CLK VSS VDD 1 2 3 4 5 6 7 8 P2010A FS0 |
유사한 부품 번호 - I2010AG-08ST |
|
유사한 설명 - I2010AG-08ST |