전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC2701M 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TPIC2701M
상세설명  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC2701M 데이터시트(HTML) 4 Page - Texas Instruments

  TPIC2701M Datasheet HTML 1Page - Texas Instruments TPIC2701M Datasheet HTML 2Page - Texas Instruments TPIC2701M Datasheet HTML 3Page - Texas Instruments TPIC2701M Datasheet HTML 4Page - Texas Instruments TPIC2701M Datasheet HTML 5Page - Texas Instruments TPIC2701M Datasheet HTML 6Page - Texas Instruments TPIC2701M Datasheet HTML 7Page - Texas Instruments TPIC2701M Datasheet HTML 8Page - Texas Instruments TPIC2701M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A – SEPTEMBER 1992 – REVISED SEPTEMBER 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
clamp diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
TPIC2701
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward on-voltage
IF = 0.5 A
1
1.5
V
VBR
Breakdown voltage
IR = 1 µA
60
V
IR
Reverse leakage current
VR = 48 V
0.05
1
µA
trr(CD) Reverse-recovery time
IF = 0.1 A,
di/dt = 25 A/
µs,
90
ns
QRR
Total source-drain diode charge
F
VCD = 48 V,
µ
See Figure 1
100
nC
clamp diode characteristics over operating case temperature range (unless otherwise noted)
(see Note 4)
PARAMETER
TEST CONDITIONS
TPIC2701M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward voltage
IF = 0.5 A
1
1.5
V
V(BR)
Breakdown voltage
IR = 1 µA,
TC = 25°C
60
V
V(BR)
Breakdown voltage
IR = 1 mA
60
V
IR
Reverse leakage current
VR =48V
TC = 25°C
0.05
1
µA
IR
Reverse leakage current
VR = 48 V
10
µA
trr(SD) Reverse recovery time, source-to-drain
IF = 0.1 A,
di/dt = 25 A /
µs,
TC = 25°C
90
ns
QRR
Total source-to-drain diode charge
F
VCD = 48 V,
µ
C
See Figure 1
100
nC
NOTE 4: Pulse testing techniques are used to maintain the virtual junction temperature as close to the case temperature as possible. Thermal
effects must be taken into account separately.
resistive-load switching characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
TPIC2701
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
10
td(off)
Turn-off delay time
VDD = 25 V,
RL = 100 Ω,ten = 10 ns,
30
ns
tr
Rise time
DD
,
tdis = 10 ns,
L
,
See Figure 2
en
,
15
ns
tf
Fall time
5
Qg
Total gate charge
V48 V
I
0 25 A
V10 V
2.8
3.6
Qgs
Gate-source charge
VDS = 48 V,
See Figure 3
ID = 0.25 A,
VGS = 10 V,
1.6
2
nC
Qgd
Gate-drain charge
See Figure 3
1.2
1.6


유사한 부품 번호 - TPIC2701M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2701MJB TI1-TPIC2701MJB Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

유사한 설명 - TPIC2701M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com