전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC6B273 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPIC6B273
상세설명  POWER LOGIC OCTAL D-TYPE LATCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC6B273 데이터시트(HTML) 7 Page - Texas Instruments

  TPIC6B273 Datasheet HTML 1Page - Texas Instruments TPIC6B273 Datasheet HTML 2Page - Texas Instruments TPIC6B273 Datasheet HTML 3Page - Texas Instruments TPIC6B273 Datasheet HTML 4Page - Texas Instruments TPIC6B273 Datasheet HTML 5Page - Texas Instruments TPIC6B273 Datasheet HTML 6Page - Texas Instruments TPIC6B273 Datasheet HTML 7Page - Texas Instruments TPIC6B273 Datasheet HTML 8Page - Texas Instruments TPIC6B273 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TPIC6B273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS031 – APRIL 1994 – REVISED JULY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2
1
10
4
0.1
0.2
1
0.4
2
10
4
0.2
0.1
0.4
PEAK AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
tav – Time Duration of Avalanche – ms
TC = 25°C
10
8
4
2
0
6
0
100
200
300
400
14
12
16
DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
18
500
600
700
ID – Drain Current – mA
VCC = 5 V
See Note A
TC = 25°C
TC = – 40°C
TC = 125°C
Figure 5
Figure 6
VCC – Logic Supply Voltage – V
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
LOGIC SUPPLY VOLTAGE
4
3
1
0
4
4.5
5
5.5
5
7
8
6
6.5
7
6
2
TC = 125°C
TC = 25°C
TC = – 40°C
ID = 100 mA
See Note A
SWITCHING TIME
vs
CASE TEMPERATURE
–50
TC – Case Temperature – °C
ID = 100 mA
See Note A
200
150
100
50
250
300
tPHL
tPLH
tr
tf
– 25
0
25
50
75
100
125
Figure 7
Figure 8
NOTE C: Technique should limit TJ – TC to 10°C maximum.


유사한 부품 번호 - TPIC6B273

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6B273 TI1-TPIC6B273 Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DW TI1-TPIC6B273DW Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DWG4 TI1-TPIC6B273DWG4 Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DWR TI1-TPIC6B273DWR Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DWRG4 TI1-TPIC6B273DWRG4 Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
More results

유사한 설명 - TPIC6B273

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI1-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
Texas Instruments
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373_15 Datasheet
269Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com