전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK415-130-E 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 STK415-130-E
상세설명  2-Channel Power Switching Audio Power IC, 100W100W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK415-130-E 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  STK415-130-E Datasheet HTML 1Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 2Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 3Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STK415-130-E
No. A1500-2/12
Specifications
Absolute maximum ratings at Ta=25
°C (excluding rated temperature items), Tc=25°C unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
VH maximum quiescent supply voltage 1
VH max (1)
When no signal
±80
V
VH maximum supply voltage 2
VH max (2)
RL≥6Ω
±75
V
VH maximum supply voltage 3
VH max (3)
RL≥4Ω
±56
V
VL maximum quiescent supply voltage 1
VL max (1)
When no signal
±46
V
VL maximum supply voltage 2
VL max (2)
RL≥6Ω
±43
V
VL maximum supply voltage 3
VL max (3)
RL≥4Ω
±33
V
Maximum voltage between VH and VL *4
VH-VL max
No loading
60
V
Standby pin maximum voltage
Vst max
-0.3 to +5.5
V
Thermal resistance
θj-c
Per power transistor
1.6
°C/W
Junction temperature
Tj max
Both the Tj max and Tc max conditions must be met.
150
°C
IC substrate operating temperature
Tc max
125
°C
Storage temperature
Tstg
-30 to +125
°C
Allowable load shorted time
*3
ts
VH=±52V, VL=±34V, RL=8Ω, f=50Hz,
PO=100W, 1-channel active
0.3
s
Electrical Characteristics at Tc=25
°C, RL=8Ω (non-inductive load), Rg=600Ω, VG=40dB, VZ=15V
Conditions *1
Ratings
Parameter
Symbol
V
(V)
f
(Hz)
PO
(W)
THD
(%)
min
typ
max
unit
PO (1)
VH
VL
±51
±34
20 to 20k
0.8
100
Output power
PO (2)
VH
VL
±40
±28
1k
0.8
RL=4Ω
100
W
Total harmonic distortion
THD
VH
VL
±51
±34
20 to 20k
100
0.4
%
Frequency characteristics
fL, fH
VH
VL
±51
±34
1.0
+0 -3dB
20 to 50k
Hz
Input impedance
ri
VH
VL
±51
±34
1k
1.0
55
k
Ω
Output noise voltage
*2
VNO
VH
VL
±61
±38
Rg=2.2k
Ω
1.0
mVrms
VH
±61
30
Quiescent current
ICCO
VL
±38
RL=∞
100
mA
Output neutral voltage
VN
VH
VL
±61
±38
-70
0
+70
mV
Pin 17 voltage when
standby ON
*7
VST ON
VH
VL
±51
±34
Standby
0
0.6
V
Pin 17 voltage when
standby OFF
*7
VST OFF
VH
VL
±51
±34
Operating
2.5
3.0
V
[Remarks]
*1: Unless otherwise specified, use a constant-voltage power supply to supply power when inspections are carried out.
*2: The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50Hz)
power supply should be used to minimize the influence of AC primary side flicker noise on the reading.
*3: Use the designated transformer power supply circuit shown in the figure below for the measurements of allowable
load shorted time and output noise voltage.
*4: Design circuits so that (
|VH|-|VL|) is always less than 40V when switching the power supply with the load connected.
*5: Set up the VL power supply with an offset voltage at power supply switching (VL-VO) of about 8V as an initial target.
*6: Please connect –Pre VCC pin (#5 pin) with the stable minimum voltage and connect so that current does not flow in
by reverse bias.
*7: Use the standby pin (pin 17) so that the applied voltage never exceeds the maximum rating.
The power amplifier is turned on by applying +2.5V to +5.5V to the standby pin (pin 17).
*8: Thermal design must be implemented based on the conditions under which the customer’s end products are
expected to operate on the market.
*9: A thermoplastic adhesive resin is used for this hybrid IC.


유사한 부품 번호 - STK415-130-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK415-140-E SANYO-STK415-140-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 120W120W
More results

유사한 설명 - STK415-130-E

제조업체부품명데이터시트상세설명
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
logo
Tumbler Technologies + ...
PD-110 TRUMPOWER-PD-110 Datasheet
43Kb / 1P
   100W Switching Power Supplies
logo
International Rectifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP19 IRF-IRAUDAMP19_15 Datasheet
804Kb / 14P
   100W/4 x 2 Channel Class D Audio Power Amplifier
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
PQ-100 MEANWELL-PQ-100 Datasheet
666Kb / 3P
   100W Quad Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com