전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK415-140-E 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 STK415-140-E
상세설명  2-Channel Power Switching Audio Power IC, 120W120W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK415-140-E 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button STK415-140-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 9Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 10Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 11Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STK415-140-E
No. A1501-11/12
The protection circuit application for the STK415-100sr consists of the following blocks (blocks (1) to (4)).
(1) Standby control circuit block
(2) Load short-circuit detection block
(3) Latch-up circuit block
(4) DC voltage protection block
1) Standby control circuit block
Concerning pin 17 reference voltage VST
<1> Operation mode
The switching transistor of the predriver IC turns on when the pin 17 reference voltage, VST, becomes greater
than or equal to 2.5V, placing the amplifier into the operation mode.
Example: When VST (min.) = 2.5V
I1 is approximately equal to 0.40mA since VST = (*2)
× IST + 0.6V → 2.5V = 4.7kΩ × IST + 0.6V.
<2> Standby mode
The switching transistor of the predriver IC turns off when the pin 17 reference voltage, VST, becomes lower
than or equal to 0.6V (typ. 0V), placing the amplifier into the standby mode.
Example: When VST = 0.6V
I1 is approximately equal to 0mA since VST = (*2)
× IST + 0.6V → 0.6V = 4.7kΩ × IST + 0.6V.
(*1) Limiting resistor
Determine the value of R1 so that the voltage VST applied to the standby pin (pin 17) falls within the rating
(+2.5V to 5.5V (typ. 3.0V)).
(*2) The standby control voltage must be supplied from the host including microcontrollers.
(*3) A 4.7k
Ω limiting resistor is also incorporated inside the hybrid IC (at pin 17).
2) Load short-circuit detection block
Since the voltage between point B and point C is less than 0.6V in normal operation mode (VBE < 0.6V) and TR1 (or
TR2) is not activated, the load short-circuit detection block does not operate.
When a load short-circuit occurs, however, the voltage between point B and point C becomes larger than 0.6V,
causing TR1 (or TR2) to turn on (VBE > 0.6V), and current I2 to flows.
3) Latch-up circuit block
TR3 is activated when I2 is supplied to the latch-up circuit.
When TR3 turns on and current I3 starts flowing, VST goes down to 0V (standby mode), protecting the power
amplifier.
Since TR3 and TR4 configure a thyristor, once TR3 is activated, the IC is held in the standby mode.
To release the standby mode and reactivate the power amplifier, it is necessary to set the standby control voltage (*2)
temporarily low (0V). Subsequently, when the standby control is returned to high, the power amplifier will become
active again.
(*4) The I3 value varies depending on the supply voltage. Determine the value of R2 using the formula below, so that
I1 is equal to or less than I3.
I1
≤ I3 = VCC/R2
4) DC offset protection block
The DC offset protection circuit is activated when
±0.5V (typ) voltage is applied to either "OUT CH1" or "OUT
CH2," and the hybrid IC is shut down (standby mode).
To release the IC from the standby mode and reactivate the power amplifier, it is necessary to set the standby control
voltage temporarily low (0V).
Subsequently, when the standby control is returned to high (+5V, for example), the power amplifier will become
active again.
The protection level must be set using the 82k
Ω resistor. Furthermore, the time constant must be determined using
22
μ//22μ capacitors to prevent the amplifier from malfunctioning due to the audio signal.


유사한 부품 번호 - STK415-140-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
More results

유사한 설명 - STK415-140-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
Q-120 RSG-Q-120 Datasheet
139Kb / 2P
   120W Quad Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com