전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX1HSM 데이터시트(PDF) 2 Page - RSG Electronic Components GmbH

부품명 CX1HSM
상세설명  10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RSG [RSG Electronic Components GmbH]
홈페이지  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX1HSM 데이터시트(HTML) 2 Page - RSG Electronic Components GmbH

  CX1HSM Datasheet HTML 1Page - RSG Electronic Components GmbH CX1HSM Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
10 kHz to 600 kHz
Standard Calibration Tolerance* (see table below)
Motional Resistance (R1)
Figure 1
MAX.: 10-169.9 kHz, 2x Typ.
170-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
Min. is 0.25x Typ.
Shunt Capacitance (C0)
2.0 pF MAX
Drive Level
10-24.9 kHz 1.5
µW MAX
25-600 kHz 3.0
µW MAX
Turning Point (T0)**
Figure 4
Temperature Coefficient (k) -0.035 ppm/
OC2
Aging, first year
5 ppm MAX
Shock, survival***
1,000 g, 1ms, 1/2 sine
Vibration, survival***
20 g RMS, 10-2,000 Hz
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
O C for 20 sec.
* Tighter frequency calibration available.
** Other turning point available.
*** Higher shock and vibration available.
CX1HSM Standard Calibration Tolerance at 25OC
Frequency Range (kHz)
10-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Operating Temp. Range:
C = -10
OC to +70OC
I
= -40
OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10122 - Rev D
HOW TO ORDER CX1HSM CRYSTALS
CX1H
S
C
SM1
32.768K
,
30
/
M
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
Blank= Glass Lid
C=Ceramic Lid
PACKAGING
CX1HSM
- Tray Pack
- 16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
FIGURE 1
CX1H TYPICAL MOTIONAL RESISTANCE (R
1)
FIGURE 2
CX1H TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX1H TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX1H TYPICAL TURNING POINT TEMP. (T
0)
1000
500
2
0
0
100
50
20
10
10
20
50
100 200
600
Frequency (kHz)
10
20
50
100
200
600
Frequency (kHz)
50
20
10
5
2
10
20
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
10
20
50
100 200
600
Frequency (kHz)
5
2
1.
0
0.5
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
Calibration
Tolerance
@ 25
OC
(in ppm)
“S” if special or
custom design.
Blank if Std.
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
Frequency
K = kHz
f-f0
=
k(T-T0)
2
f0


유사한 부품 번호 - CX1HSM

제조업체부품명데이터시트상세설명
logo
STATEK CORPORATION
CX1HSM STATEK-CX1HSM Datasheet
479Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
EUROQUARTZ limited
CX1HSM EUROQUARTZ-CX1HSM Datasheet
306Kb / 2P
   Frequency Range 10kHz to 600kHz
logo
STATEK CORPORATION
CX1HSM STATEK-CX1HSM Datasheet
463Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1HSM STATEK-CX1HSM_08 Datasheet
463Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
More results

유사한 설명 - CX1HSM

제조업체부품명데이터시트상세설명
logo
RSG Electronic Componen...
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
CX-1V-03 RSG-CX-1V-03 Datasheet
89Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX-2V STATEK-CX-2V Datasheet
123Kb / 2P
   order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX3HSM RSG-CX3HSM Datasheet
473Kb / 2P
   18 kHz to 600 kHz Low Profile Surface Mount Quartz Crystal for Series Oscillators
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
   80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
   30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com