전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX1SM 데이터시트(PDF) 1 Page - RSG Electronic Components GmbH

부품명 CX1SM
상세설명  530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RSG [RSG Electronic Components GmbH]
홈페이지  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX1SM 데이터시트(HTML) 1 Page - RSG Electronic Components GmbH

  CX1SM Datasheet HTML 1Page - RSG Electronic Components GmbH CX1SM Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
DESCRIPTION
The CX1SM quartz crystals are leadless devices designed
for surface mounting on printed circuit boards or hybrid
substrates. They are hermetically sealed in a rugged,
miniature ceramic package. The CX1SM crystal is
manufactured
using
the
STATEK-developed
photo-
lithographic process, and was designed utilizing the
experience acquired by producing millions of crystals for
industrial, commercial, military and medical applications.
Maximum process temperature should not exceed 260
OC.
FEATURES
Extensional mode
Ideal for use with microprocessors
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
CX1SM CRYSTAL
530 kHz to 2.1 MHz
Low Profile, Miniature Surface Mount Quartz Crystal
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.315
8.00
0.330
8.38
B
0.140
3.56
0.155
3.94
C
-
-
see below
D
0.045
1.14
0.055
1.40
E
0.060
1.52
0.070
1.78
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.065
1.65
0.070
1.78
SM2
0.067
1.70
0.072
1.83
SM3
0.070
1.78
0.075
1.90
10129 - Rev B
A
B
E
D
D
TOP
BOTTOM
C
E
PACKAGE DIMENSIONS
actual size
side view
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
0.160 (4.06)
inches (mm)
0.070 (1.78)
0.270 (6.86)
SUGGESTED LAND PATTERN
Glass Lid Shown


유사한 부품 번호 - CX1SM

제조업체부품명데이터시트상세설명
logo
STATEK CORPORATION
CX1SM STATEK-CX1SM Datasheet
60Kb / 2P
   Miniature Surface Mount AT Quartz Crystal
logo
EUROQUARTZ limited
CX1SM EUROQUARTZ-CX1SM Datasheet
154Kb / 2P
   Extensional Mode
logo
STATEK CORPORATION
CX1SM STATEK-CX1SM Datasheet
103Kb / 2P
   Miniature Surface Mount AT Quartz Crystal
logo
EUROQUARTZ limited
CX1SM EUROQUARTZ-CX1SM Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
RSG Electronic Componen...
CX1SM-AT RSG-CX1SM-AT Datasheet
89Kb / 2P
   8 MHz to 250 MHz Miniature Surface Mount AT Quartz Crystal
More results

유사한 설명 - CX1SM

제조업체부품명데이터시트상세설명
logo
RSG Electronic Componen...
CX-1-03 RSG-CX-1-03 Datasheet
57Kb / 2P
   530 kHz to 2.1 MHz Miniature Quartz Crystal
CX2SM RSG-CX2SM Datasheet
484Kb / 2P
   760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
   80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
   30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM RSG-CX9VSM Datasheet
456Kb / 2P
   32 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX3SM STATEK-CX3SM_08 Datasheet
121Kb / 2P
   Low Profile Miniature Surface Mount Quartz Crystal
CX2SM STATEK-CX2SM Datasheet
452Kb / 2P
   Low Profile Miniature Surface Mount Quartz Crystal
logo
RSG Electronic Componen...
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
   9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com