전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCE62002RHBR 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCE62002RHBR
상세설명  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBR 데이터시트(HTML) 2 Page - Texas Instruments

  CDCE62002RHBR Datasheet HTML 1Page - Texas Instruments CDCE62002RHBR Datasheet HTML 2Page - Texas Instruments CDCE62002RHBR Datasheet HTML 3Page - Texas Instruments CDCE62002RHBR Datasheet HTML 4Page - Texas Instruments CDCE62002RHBR Datasheet HTML 5Page - Texas Instruments CDCE62002RHBR Datasheet HTML 6Page - Texas Instruments CDCE62002RHBR Datasheet HTML 7Page - Texas Instruments CDCE62002RHBR Datasheet HTML 8Page - Texas Instruments CDCE62002RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
DESCRIPTION
SERDES
CleanedClock
Data
CDCE 62002
RecoveredClock
ASICClock
ASIC
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The CDCE62002 is a high performance clock generator featuring low output jitter, a high degree of configurability
via a SPI interface, and programmable start up modes determined by on-chip EEPROM. Specifically tailored for
clocking data converters and high-speed digital signals, the CDCE62002 achieves jitter performance under 0.5
ps RMS(1). It incorporates a synthesizer block with partially integrated loop filter, a clock distribution block
including programmable output formats, and an input block featuring an innovative smart multiplexer. The clock
distribution block includes two individually programmable outputs that can be configured to provide different
combinations of output formats (LVPECL, LVDS, LVCMOS). Each output can also be programmed to a unique
output frequency (ranging from 10.94 MHz to 1.175 GHz(2)). If Both outputs are configured in single-ended mode
(e.g., LVCMOS), the CDCE62002 supports up to four outputs. The input block includes one universal differential
inputs which support frequencies up to 500 MHz and an auxiliary single ended input that can be connected to a
CMOS level clock or configured to connect to an external AT-Cut crystal via an on board oscillator block. The
smart input multiplexer has two modes of operation, manual and automatic. In manual mode, the user selects the
synthesizer reference via the SPI interface. In automatic mode, the input multiplexer will automatically select
between the highest priority input clock available.
Figure 1. CDCE62002 Application Example
(1)
10 kHz to 20 MHz integration bandwidth.
(2)
Frequency range depends on operational mode and output format selected.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002


유사한 부품 번호 - CDCE62002RHBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

유사한 설명 - CDCE62002RHBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com