전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCM61002 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCM61002
상세설명  Two Output, Integrated VCO, Low-Jitter Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CDCM61002 Datasheet HTML 7Page - Texas Instruments CDCM61002 Datasheet HTML 8Page - Texas Instruments CDCM61002 Datasheet HTML 9Page - Texas Instruments CDCM61002 Datasheet HTML 10Page - Texas Instruments CDCM61002 Datasheet HTML 11Page - Texas Instruments CDCM61002 Datasheet HTML 12Page - Texas Instruments CDCM61002 Datasheet HTML 13Page - Texas Instruments CDCM61002 Datasheet HTML 14Page - Texas Instruments CDCM61002 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Charge
Pump
224 A
m
Phase
Frequency
Detector
21.875MHz
to28.47MHz
XO
LVCMOS
LoopFilter
400kHz
¸
15
¸
20
¸
24
¸
25
Feedback
Divider
¸
1
¸
2
¸
3
¸
4
¸
6
¸
8
Output
Divider
¸
5
¸
4
¸
3
Prescaler
Divider
DIV_MUX
VCO
1.75GHz
to2.05GHz
PR1
XIN
V
CC_IN
CE
GND1
RSTN
OUTP[1...0]
OUTN[1...0]
OSC_OUT
OD2 OD1 OD0
OS1 OS0
V
CC_PLL1
V
CC_PLL2
V
CC_VDD
V
CC_VCO
V
CC_OUT
PR0
REG_CAP1
REG_CAP2
2
LVCMOS
LVPECL
LVDS
LVCMOS
LVCMOS
CDCM61002
CDCM61002
www.ti.com.................................................................................................................................................... SCAS870B – FEBRUARY 2009 – REVISED JULY 2009
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCM61002


유사한 부품 번호 - CDCM61002

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM61002 TI-CDCM61002 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002RHBR TI-CDCM61002RHBR Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002RHBT TI-CDCM61002RHBT Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
More results

유사한 설명 - CDCM61002

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com