전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP112AIDRLT 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP112AIDRLT
상세설명  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP112AIDRLT 데이터시트(HTML) 1 Page - Texas Instruments

  TMP112AIDRLT Datasheet HTML 1Page - Texas Instruments TMP112AIDRLT Datasheet HTML 2Page - Texas Instruments TMP112AIDRLT Datasheet HTML 3Page - Texas Instruments TMP112AIDRLT Datasheet HTML 4Page - Texas Instruments TMP112AIDRLT Datasheet HTML 5Page - Texas Instruments TMP112AIDRLT Datasheet HTML 6Page - Texas Instruments TMP112AIDRLT Datasheet HTML 7Page - Texas Instruments TMP112AIDRLT Datasheet HTML 8Page - Texas Instruments TMP112AIDRLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TMP1
12
1
FEATURES
DESCRIPTION
APPLICATIONS
TemperatureError( C)
°
TMP112
www.ti.com ......................................................................................................................................................... SBOS473B – MARCH 2009 – REVISED JUNE 2009
High-Accuracy, Low-Power, Digital Temperature Sensor
With SMBus™/Two-Wire Serial Interface in SOT563
23
• TINY SOT563 PACKAGE
The TMP112 is a two-wire, serial output temperature
sensor available in a tiny SOT563 package. Requiring
• ACCURACY:
no external components, the TMP112 is capable of
0.5°C (max) from 0°C to +65°C
reading temperatures to a resolution of 0.0625°C.
1.0°C (max) from –40°C to +125°C
The TMP112 slope-specification allows users to
• LOW QUIESCENT CURRENT:
calibrate for higher accuracy.
10
µA Active (max), 1µA Shutdown (max)
The TMP112 features both SMBus and two-wire
• SUPPLY RANGE: 1.4V to 3.6V
interface compatibility, and allows up to four devices
• RESOLUTION: 12 Bits
on one bus. It also features an SMBus alert function.
• DIGITAL OUTPUT: Two-Wire Serial Interface
The TMP112 is ideal for extended temperature
measurement
in
communication,
computer,
consumer,
environmental,
industrial,
and
• PORTABLE AND BATTERY-POWERED
instrumentation
applications.
It
is
specified
for
APPLICATIONS
operation over a temperature range of –40°C to
+125°C.
• POWER-SUPPLY TEMPERATURE
MONITORING
TEMPERATURE ERROR AT +25°C
• COMPUTER PERIPHERAL THERMAL
PROTECTION
• NOTEBOOK COMPUTERS
• BATTERY MANAGEMENT
• OFFICE MACHINES
• THERMOSTAT CONTROLS
• ELECTROMECHANICAL DEVICE
TEMPERATURES
• GENERAL TEMPERATURE MEASUREMENTS:
Industrial Controls
Test Equipment
Medical Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TMP112AIDRLT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP112AIDRLT TI-TMP112AIDRLT Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112AIDRLT TI1-TMP112AIDRLT Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
More results

유사한 설명 - TMP112AIDRLT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com