전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX6SSM1 데이터시트(PDF) 1 Page - RSG Electronic Components GmbH

부품명 CX6SSM1
상세설명  800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RSG [RSG Electronic Components GmbH]
홈페이지  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX6SSM1 데이터시트(HTML) 1 Page - RSG Electronic Components GmbH

  CX6SSM1 Datasheet HTML 1Page - RSG Electronic Components GmbH CX6SSM1 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
DESCRIPTION
The CX6SM quartz crystals are leadless devices designed for
surface mounting on printed circuit boards or hybrid
substrates. They are hermetically sealed in a rugged,
miniature ceramic package. They are manufactured using the
STATEK-developed photolithographic process, and are
designed utilizing the experience acquired by producing
millions of crystals for industrial, commercial, military and
medical applications. Maximum process temperature should
not exceed 260
OC.
FEATURES
Ultra-low profile (1mm)
Extensional mode
Ideal for use with microprocessors
Designed for low power applications
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
CX6SM CRYSTAL
800 kHz to 1.35 MHz
Ultra-Low Profile (1mm)
Miniature Surface Mount Quartz Crystal
10133 - Rev B
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.265
6.73
0.280
7.11
B
0.103
2.62
0.114
2.90
C
-
-
see below
D
0.050
1.27
0.060
1.52
DIM “C“
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.039
0.99
0.053
1.35
SM2
0.041
1.04
0.055
1.40
SM3
0.044
1.12
0.058
1.47
0.070 (1.78)
0.215 (5.46)
0.120 (3.05)
inches (mm)
A
B
D
D
TOP
BOTTOM
C
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
actual size
side view
Glass Lid Shown


유사한 부품 번호 - CX6SSM1

제조업체부품명데이터시트상세설명
logo
RSG Electronic Componen...
CX6SSM1 RSG-CX6SSM1 Datasheet
98Kb / 2P
   9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
More results

유사한 설명 - CX6SSM1

제조업체부품명데이터시트상세설명
logo
RSG Electronic Componen...
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX2SM RSG-CX2SM Datasheet
484Kb / 2P
   760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX6SM STATEK-CX6SM Datasheet
449Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal
logo
RSG Electronic Componen...
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
   80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
   30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM RSG-CX9VSM Datasheet
456Kb / 2P
   32 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX1SM RSG-CX1SM Datasheet
480Kb / 2P
   530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX6VSM STATEK-CX6VSM_08 Datasheet
128Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX6VSM STATEK-CX6VSM Datasheet
465Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com