전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2526AN 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2526AN
상세설명  Regulating Pulse Width Modulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2526AN 데이터시트(HTML) 1 Page - Texas Instruments

  UC2526AN Datasheet HTML 1Page - Texas Instruments UC2526AN Datasheet HTML 2Page - Texas Instruments UC2526AN Datasheet HTML 3Page - Texas Instruments UC2526AN Datasheet HTML 4Page - Texas Instruments UC2526AN Datasheet HTML 5Page - Texas Instruments UC2526AN Datasheet HTML 6Page - Texas Instruments UC2526AN Datasheet HTML 7Page - Texas Instruments UC2526AN Datasheet HTML 8Page - Texas Instruments UC2526AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BLOCK DIAGRAM
UC1526A
UC2526A
UC3526A
Regulating Pulse Width Modulator
FEATURES
Reduced Supply Current
Oscillator Frequency to 600kHz
Precision Band-Gap Reference
7 to 35V Operation
Dual 200mA Source/Sink Outputs
Minimum Output Cross-Conduction
Double-Pulse Suppression Logic
Under-Voltage Lockout
Programmable Soft-Start
Thermal Shutdown
TTL/CMOS Compatible Logic Ports
5 Volt Operation (VIN = VC = VREF = 5.0V)
DESCRIPTION
The UC1526A Series are improved-performance pulse-width modu-
lator circuits intended for direct replacement of equivalent non- “A”
versions in all applications. Higher frequency operation has been
enhanced by several significant improvements including: a more ac-
curate oscillator with less minimum dead time, reduced circuit de-
lays (particularly in current limiting), and an improved output stage
with negligible cross-conduction current. Additional improvements
include the incorporation of a precision, band-gap reference gener-
ator, reduced overall supply current, and the addition of thermal
shutdown protection.
Along with these improvements, the UC1526A Series retains the
protective features of under-voltage lockout, soft-start, digital cur-
rent limiting, double pulse suppression logic, and adjustable
deadtime. For ease of interfacing, all digital control ports are TTL
compatible with active low logic.
Five volt (5V) operation is possible for “logic level” applications by
connecting VIN, VC and VREF to a precision 5V input supply. Consult
factory for additional information.
6/93


유사한 부품 번호 - UC2526AN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2526AN TI1-UC2526AN Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526ANG4 TI1-UC2526ANG4 Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

유사한 설명 - UC2526AN

제조업체부품명데이터시트상세설명
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com