전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1205D650 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 DAC1205D650
상세설명  Dual 12-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1205D650 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button DAC1205D650 Datasheet HTML 5Page - NXP Semiconductors DAC1205D650 Datasheet HTML 6Page - NXP Semiconductors DAC1205D650 Datasheet HTML 7Page - NXP Semiconductors DAC1205D650 Datasheet HTML 8Page - NXP Semiconductors DAC1205D650 Datasheet HTML 9Page - NXP Semiconductors DAC1205D650 Datasheet HTML 10Page - NXP Semiconductors DAC1205D650 Datasheet HTML 11Page - NXP Semiconductors DAC1205D650 Datasheet HTML 12Page - NXP Semiconductors DAC1205D650 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DAC1205D650_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2009
9 of 42
NXP Semiconductors
DAC1205D650
Dual 12-bit DAC, up to 650 Msps; 2
× 4× and 8× interpolating
9.
Characteristics
Table 5.
Characteristics
VDDA(1V8) =VDDD(1V8) = 1.8 V; VDDA(3V3) =VDD(IO)(3V3) = 3.3 V; AGND, DGND and GNDIO shorted together; Tamb = −40 °Cto
+85
°C; typical values measured at Tamb =25 °C; RL =50 Ω;IO(fs) = 20 mA; maximum sample rate; PLL on unless otherwise
specified.
Symbol
Parameter
Conditions
Test
[1]
Min
Typ
Max
Unit
VDD(IO)(3V3)
input/output supply
voltage (3.3 V)
I
3.0
3.3
3.6
V
VDDA(3V3)
analog supply voltage
(3.3 V)
I
3.0
3.3
3.6
V
VDDA(1V8)
analog supply voltage
(1.8 V)
I
1.7
1.8
1.9
V
VDDD(1V8)
digital supply voltage
(1.8 V)
I
1.7
1.8
1.9
V
IDD(IO)(3V3)
input/output supply
current (3.3 V)
fo = 19 MHz; fs = 640 Msps;
8
× interpolation; NCO on
I-
5
13
mA
IDDA(3V3)
analog supply current
(3.3 V)
fo = 19 MHz; fs = 640 Msps;
8
× interpolation; NCO on
I
-
48
26
mA
IDDD(1V8)
digital supply current
(1.8 V)
fo = 19 MHz; fs = 640 Msps;
8
× interpolation; NCO on
I
-
270
309
mA
IDDA(1V8)
analog supply current
(1.8 V)
fo = 19 MHz; fs = 640 Msps;
8
× interpolation; NCO on
I
-
330
358
mA
IDDD
digital supply current
for x / (sin x) function only
I
-
67
-
mA
Ptot
total power
dissipation
fo = 19 MHz; fs = 320 Msps;
4
× interpolation; NCO off; DAC B
off
C
-
0.53
-
W
fo = 19 MHz; fs = 320 Msps;
4
× interpolation; NCO off
C
-
0.82
-
W
fo = 19 MHz; fs = 320 Msps;
4
× interpolation; NCO on
C
-
0.94
-
W
fo = 19 MHz; fs = 640 Msps;
8
× interpolation; NCO off
C
-
0.95
-
W
fo = 19 MHz; fs = 640 Msps;
8
× interpolation; NCO on; All V
DD
I
-
1.18
1.4
W
fo = 19 MHz; fs = 640 Msps;
8
× interpolation; NCO low-power
on
C
-
1.07
-
W
Power-down mode
full power-down; all VDD
I
-
0.08
0.13
W
DAC A and DAC B Sleep mode;
8
× interpolation; NCO on
I
-
0.88
-
W


유사한 부품 번호 - DAC1205D650

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results

유사한 설명 - DAC1205D650

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
DAC1005D650 NXP-DAC1005D650 Datasheet
202Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
   Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com