전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3725 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC3725
상세설명  Isolated High Side FET Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3725 데이터시트(HTML) 4 Page - Texas Instruments

  UC3725 Datasheet HTML 1Page - Texas Instruments UC3725 Datasheet HTML 2Page - Texas Instruments UC3725 Datasheet HTML 3Page - Texas Instruments UC3725 Datasheet HTML 4Page - Texas Instruments UC3725 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UC1725
UC2725
UC3725
CURRENT LIMIT AND TIMING: Current sensing and
shutdown can be implemented directly at the output us-
ing the scheme shown in Figure 4. Alternatively, a current
transformer can be used in place of RSENSE. A small RC
filter in series with the input (pin 4) is generally needed to
eliminate the leading
edge current spike caused by
parasitic circuit capacitances being charged during turn
on. Due to the speed of the current sense circuit, it is
very important to ground CF directly to Gnd as shown to
eliminate false triggering of the one shot caused by
ground drops.
One shot timing is easily programmed using an external
capacitor and resistor as shown in Figure 4. This, in turn,
controls the output off time according to the formula:
TOFF= 1.28
• RC.
If current limit feature is not required, simply ground pin 4
and leave pin 5 open.
OUTPUT: Gate drive to the power FET is provided by a
totem pole output stage capable of sourcing and sinking
currents in excess of 1 amp. The undervoltage lockout
circuit guarantees that the high level output will never be
less than 9 volts. In addition, during undervoltage lock-
out, the output stage will actively sink current to eliminate
the need for an external gate to source resistor. High
level output is also clamped to 15 volts. Under high ca-
pacitive loading however, the output may overshoot 2 to
3 volts, due to the drivers’ inabitlity to switch from full to
zero output current instantaneously. In a practical circuit
this is not normally a concern. A few ohms of series gate
resistance is normally required to prevent parasitic oscil-
lations, and will also eliminate overshoot at the gate.
ENABLE: An enable pin is provided as a fast, digital in-
put that can be used in a number of applications to di-
rectly switch the output. Figure 6 shows a simple means
of providing a fast, high voltage translation by using a
small signal, high voltage transistor in a cascode configu-
ration. Note that the UC1725 is still used to provide
power, drive and protection circuitry for the power FET.
FIGURE 4 - Current Limit
UDG-92050
FIGURE 5 - Output Circuit
FIGURE 6 - Using Enable Pin as a High Speed Input
Path
UDG-92052
UDG-92053
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
4


유사한 부품 번호 - UC3725

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3725 TI-UC3725 Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC3725 TI1-UC3725 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC3725DW TI1-UC3725DW Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC3725DWTR TI1-UC3725DWTR Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results

유사한 설명 - UC3725

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1727 TI-UC1727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
UC2727J TI-UC2727J Datasheet
329Kb / 8P
[Old version datasheet]   Isolated High Side IGBT Driver
logo
Analog Devices
ADUM6132 AD-ADUM6132 Datasheet
266Kb / 12P
   Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Rev. PrG March 19, 2008
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085 Datasheet
274Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_12 Datasheet
407Kb / 14P
   High Side Gate Driver with Recharge FET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com