전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2-1 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC2-1
상세설명  Fast LDO Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2-1 데이터시트(HTML) 4 Page - Texas Instruments

  UC2-1 Datasheet HTML 1Page - Texas Instruments UC2-1 Datasheet HTML 2Page - Texas Instruments UC2-1 Datasheet HTML 3Page - Texas Instruments UC2-1 Datasheet HTML 4Page - Texas Instruments UC2-1 Datasheet HTML 5Page - Texas Instruments UC2-1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
UC182-1,-2,-3,-ADJ
UC282-1,-2,-3,-ADJ
UC382-1,-2,-3,-ADJ
1.6
1.7
1.8
1.9
01
23
IL (A)
Figure 1. Typical Dropout (VB - VOUT), TJ = 27°C
100
200
300
400
IL
100mA
1A
2A
3A
Figure 2. Typical Dropout (VIN - VOUT), TJ = 27°C
PIN DESCRIPTIONS
ADJ: In the adjustable version, the user programs the
output voltage with two external resistors. The resistors
should be 0.1% for high accuracy. The output amplifier is
configured as a non-inverting operational amplifier. The
resistors should meet the criteria of R3 || R4 < 100
Ω.
Connect ADJ to VOUT for an output voltage of 1.2V. Note
that the point at which the feedback network is
connected to the output is the Kelvin sense point.
GND: For accurate results, the GND pin should be
referenced to the load ground.
VB: Supplies power to all circuits of the regulator except
the collector of the output power transistor. The 2V
headroom from VB to VOUT allows the use of a
Darlington
output
stage
for
inherently
low
output
impedance and fast response. (Dropout is derated for
junction temperatures below 0°C.)
VIN: Supplies the current to the collector of the output
power transistor only. The dropout (VIN-VOUT) is under
100mV for light loads; maximum dropout is 450mV at 3A
for TJ = 0°C to +110°C. (Dropout is derated for junction
temperatures over 110°C.) At full load, the majority of the
VB current is going to the load.
VOUT: This pin should be connected to the load via a
low impedance path. Avoid connectors which add
significant inductance and resistance. Note that even
though a Kelvin sense is available througha5pin
package, care must be taken since voltage drops along
wire traces add to the dropout voltage.
The UC382 is easy to use. The adjustable version re-
quires two 0.1% resistors to set the output voltage. The
fixed versions of the UC382 require no external resistors.
All versions of the UC382 require decoupling capacitors
on the input and output. In a typical application, VB and
VIN are driven from switching power supplies which may
have large filter capacitors at their outputs. If the UC382
is further than 12 inches from the power supply, it is rec-
ommended to add local decoupling as close as possible
to the linear regulator.
Decouple the output of the UC382 with at least 100
µFof
high quality tantalum or Sanyo OSCON capacitors close
to the VOUT pin for maximum stability. Many applications
involving ultra fast GTL or BTL applications require addi-
tional capacitance close to the load. The exact amount
will vary according to speed and magnitude of the load
transients and the tolerance allowed for transients on
VOUT. When specifying the decoupling capacitors, the
series resistance of the capacitor bank is an important
factor in its ability to filter load transients.
The UC382 allows for Kelvin sensing the voltage at the
load. This improves regulation performance and elimi-
nates the voltage drops due to wire trace resistance. This
voltage drop must be added to the headroom (VIN to
VOUT and VB to VOUT). The dropout of 450mV is mea-
sured at the pins and does not include additional drops
due to trace resistance. The minimum load current is
10mA.
Two or more UC382’s may be used in parallel. While sta-
ble, this arrangement does degrade the transient re-
sponse.
APPLICATION INFORMATION


유사한 부품 번호 - UC2-1

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
UC2-12SNE-L KEMET-UC2-12SNE-L Datasheet
1Mb / 17P
   Electronic switching systems
UC2-12SNE-L KEMET-UC2-12SNE-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
UC2-12SNEN-L KEMET-UC2-12SNEN-L Datasheet
1Mb / 17P
   Electronic switching systems
UC2-12SNEN-L KEMET-UC2-12SNEN-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
UC2-12SNJ-L KEMET-UC2-12SNJ-L Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
More results

유사한 설명 - UC2-1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI-UC282-1 Datasheet
141Kb / 13P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com