전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2827-2 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2827-2
상세설명  Buck Current/Voltage Fed Push-Pull PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2827-2 데이터시트(HTML) 4 Page - Texas Instruments

  UC2827-2 Datasheet HTML 1Page - Texas Instruments UC2827-2 Datasheet HTML 2Page - Texas Instruments UC2827-2 Datasheet HTML 3Page - Texas Instruments UC2827-2 Datasheet HTML 4Page - Texas Instruments UC2827-2 Datasheet HTML 5Page - Texas Instruments UC2827-2 Datasheet HTML 6Page - Texas Instruments UC2827-2 Datasheet HTML 7Page - Texas Instruments UC2827-2 Datasheet HTML 8Page - Texas Instruments UC2827-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
(1)
f
OSC +
0.77
R
RT
C
CT
(Hz)
(2)
t
DELAY +
R
DELAY
200W
10*9 (s)
(3)
I
RT +
2.5 V
R
RT
UC1827-1, UC1827-2
UC2827-1, UC2827-2
UC3827-1, UC3827-2
SLUS365A – APRIL 1999 – REVISED AUGUST 2005
Terminal Functions
TERMINAL
I/O
DESCRIPTION
N or
NAME
Q
DW
Output of the buck PWM controller. The BUCK output is a floating driver, optimized for controlling the
BUCK
2
3
O
gate of an N-channel MOSFET. The peak sink and source currents are 1 A. VCC undervoltage faults
disables BUCK to an off condition (low).
CEA+
12
13
I
Non-inverting input of the current error amplifier.
CEA-
13
14
I
Inverting input of the current error amplifier
Output of the current error amplifier and the inverting input of the PWM comparator of the buck
CEAO
6
7
O
converter.
CSA+
8
9
I
Noninverting input of the current sense amplifier.
CSA–
9
10
I
Inverting input of the current sense amplifier.
Output of the current sense amplifier and the noninverting input of the current limit comparator. When
the signal level on this pin exceeds the 3V threshold of the current limit comparator, the buck gate drive
CSAO
7
8
O
pulse is terminated. This feature is useful to implement cycle-by-cycle current limiting for the buck
converter.
Provides for the timing capacitor which is connected between CT and GND. The oscillator frequency is
set by CT and a resistor RT, connected between pin RT and GND. The CT discharge current is
CT
18
20
I
approximately 40 x the bias current through the resistor connected to RT. A practical maximum value for
the discharge current is 20 mA. The frequency of the oscillator is given by equation(1)
A resistor to GND programs the overlap time of the PUSH and PULL outputs of the UC3827-1 and the
DELAY
20
22
I
dead time of the PUSH and PULL outputs of the UC3827-2. The minimum value of the resistor, RDELAY,
is 18 k
Ω. The delay or overlap time is given by equation(2)
Ground reference for all sensitive setup components not related to driving the outputs. They include all
GND
11
12
-
timing, voltage sense, current sense, and bypass components.
Ground connection for the PUSH and PULL outputs. PGND must be connected to GND at a single point
PGND
21
25
-
on the printed circuit board. This is imperative to prevent large, high frequency switching currents
flowing through the ground metalization inside the device.
Ground referenced output to drive an N-channel MOSFET. The PULL and the PUSH outputs are driving
PULL
22
26
O
the two switches of the push-pull converter with complementary signals at close to a 50% duty cycle.
Any undervoltage faults will disable PULL to an off condition (low).
Ground referenced output to drive an N-channel MOSFET. The PULL and the PUSH outputs are driving
PUSH
24
28
O
the two switches of the push-pull converter with complementary signals at close to a 50% duty cycle.
Any undervoltage faults disables PUSH to an off condition (low).
The RAMP voltage, after a 700 mV internal level shift, is fed to the noninverting input of the buck PWM
comparator. A resistor to VIN and a capacitor to GND provide an input voltage feedforward signal for the
buck controller in voltage mode control. In peak current mode control, the RAMP pin receives the
RAMP
5
6
I
current signal of the buck converter. In an average current mode setup, the RAMP pin has a linearly
increasing ramp signal. This waveform may be generated either by connecting RAMP directly to CT, or
by connecting both a resistor from VCC to RAMP and a capacitor from RAMP to GND.
The output of the +5V on board reference. Bypass this pin with a capacitor to GND. The reference is off
REF
15
16
O
when the chip is in undervoltage lockout mode.o
A resistor to GND programs the charge current of the timing capacitor connected to CT. The charge
current approximately equals that shown in equation(3). The charge current should be less than 500 µA
RT
17
19
I
to keep CT's discharge peak current less than 20 mA, which is CT's maximum practical discharge value.
The discharge time, which sets the maximum duty cycle, is set internally and is influenced by the charge
current.
The source connection for the floating buck switch. The voltage on the SRC pin can exceed VCC but
SRC
3
4
I
must be lower than 90 V–VVCC. Also, during turn-off transients of the buck switch, the voltage at SRC
can go to –2V.
4


유사한 부품 번호 - UC2827-2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2827-2 TI1-UC2827-2 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
More results

유사한 설명 - UC2827-2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com