전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F1JJ2A 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC87F1JJ2A
상세설명  8-bit 1-chip Microcontroller with USB-host controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1JJ2A 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC87F1JJ2A Datasheet HTML 1Page - Sanyo Semicon Device LC87F1JJ2A Datasheet HTML 2Page - Sanyo Semicon Device LC87F1JJ2A Datasheet HTML 3Page - Sanyo Semicon Device LC87F1JJ2A Datasheet HTML 4Page - Sanyo Semicon Device LC87F1JJ2A Datasheet HTML 5Page - Sanyo Semicon Device LC87F1JJ2A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1JJ2A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1JJ2A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1JJ2A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LC87F1JJ2A
No.A1453-4/28
Interrupts
• 41 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4/UHC bus active/remote control signal receive
4
0001BH
H or L
INT3/INT5/base timer
5
00023H
H or L
T0H/INT6/UHC device attach/UHC device detach/UHC resume
6
0002BH
H or L
T1L/T1H/INT7/SIO9/AIF start
7
00033H
H or L
SIO0/UART1 receive
8
0003BH
H or L
SIO1/SIO4/UART1 transmit/AIF end
9
00043H
H or L
ADC/T6/T7/UHC-ACK/UHC-NAK/UHC error/UHC-STALL
10
0004BH
H or L
Port 0/PWM0/PWM1/T4/T5/UHC-SOF/DMCOPY/AIF error
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels: 8192 levels maximum (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation and PLL Circuits
• RC oscillation circuit (internal):
For system clock
• CF oscillation circuit:
For system clock
• Crystal oscillation circuit:
For system clock, and realtime clock
• PLL circuit (internal):
For USB interface (see Fig.5) and audio interface (see Fig. 6)


유사한 부품 번호 - LC87F1JJ2A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC87F1JJ2A ONSEMI-LC87F1JJ2A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
More results

유사한 설명 - LC87F1JJ2A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com