전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F1JJ8A 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LC87F1JJ8A
상세설명  8-bit 1-chip Microcontroller with USB-host controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1JJ8A 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F1JJ8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LC87F1JJ8A
No.A1455-10/28
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
• 4-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P70: INT0 input/HOLD release input/timer 0L capture input/watchdog timer output
P71: INT1 input/HOLD release input/timer 0H capture input
P72: INT2 input/HOLD release input/timer 0 event input/timer 0L capture input/
high speed clock counter input
P73: INT3 input (input with noise filter)/timer 0 event input/timer 0H capture input/
infrared remote control receiver input
AD converter input ports: AN8(P70), AN9(P71)
Interrupt acknowledge types
Rising
Falling
Rising &
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
INT1
enable
enable
disable
enable
enable
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
P70 to P73
I/O
No
PWM0
PWM1
I/O
PWM0, PWM1 output ports
General-purpose input port
• Pin functions
PWM0: Audio interface master clock output
PWM1: Audio interface master clock input
No
UHD-
I/O
USB data I/O pin UHD-/general-purpose I/O port
No
UHD+
I/O
USB data I/O pin UHD+/general-purpose I/O port
No
RES
I
Reset pin
No
XT1
I
• 32.768kHz crystal oscillator input
• Pin functions
General-purpose input port
AD converter input port: AN10
Must be connected to VDD1 when not to be used.
No
XT2
I/O
• 32.768kHz crystal oscillator output
• Pin functions
General-purpose input port
AD converter input port: AN11
Must be configured for oscillation and kept open if not to be used.
No
CF1
I
Ceramic/crystal resonator input
No
CF2
O
Ceramic/crystal resonator output
No
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option Selected
in Units of
Option Type
Output Type
Pull-up Resistor
1
CMOS
Programmable (Note 1)
P00 to P07
1 bit
2
Nch-open drain
No
1
CMOS
Programmable
P10 to P17
P20 to P27
P30 to P34
1 bit
2
Nch-open drain
Programmable
P70
-
No
Nch-open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
PWM0, PWM1
-
No
CMOS
No
UHD+, UHD-
-
No
CMOS
No
XT1
-
No
Input only
No
XT2
-
No
32.768kHz crystal resonator output (Nch-open drain
when in general-purpose output mode)
No
Note 1: Programmable pull-up resistors for port 0 are controlled in 4 bit units (P00 to 03, P04 to 07).


유사한 부품 번호 - LC87F1JJ8A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC87F1JJ8A ONSEMI-LC87F1JJ8A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
More results

유사한 설명 - LC87F1JJ8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com