전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK433-730-E 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 STK433-730-E
상세설명  2-channel class AB audio power IC, 30W30W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-730-E 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button STK433-730-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 11Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STK433-730-E
No. A1249-10/12
[Thermal Design Example for STK433-730-E (RL = 4Ω)]
The thermal resistance,
θc-a, of the heat sink for total power dissipation, Pd, within the hybrid IC is determined as
follows.
Condition 1: The hybrid IC substrate temperature, Tc, must not exceed 125
°C.
Pd
× θc-a + Ta < 125°C ................................................................................................. (1)
Ta: Guaranteed ambient temperature for the end product
Condition 2: The junction temperature, Tj, of each power transistor must not exceed 150
°C.
Pd
× θc-a + Pd/N × θj-c + Ta < 150°C .......................................................................... (2)
N: Number of power transistors
θj-c: Thermal resistance per power transistor
However, the power dissipation, Pd, for the power transistors shall be allocated equally among the number of power
transistors.
The following inequalities result from solving equations (1) and (2) for
θc-a.
θc-a < (125 − Ta)/Pd ...................................................................................................... (1)'
θc-a < (150 − Ta)/Pd − θj-c/N ........................................................................................ (2)'
Values that satisfy these two inequalities at the same time represent the required heat sink thermal resistance.
When the following specifications have been stipulated, the required heat sink thermal resistance can be determined
from formulas (1)' and (2)' .
• Supply voltage
VCC
• Load resistance
RL
• Guaranteed ambient temperature
Ta
[Example]
When the IC supply voltage, VCC, is ±18V and RL is 4Ω, the total power dissipation, Pd, within the hybrid IC, will
be a maximum of 33W at 1kHz for a continuous sine wave signal according to the Pd-PO characteristics.
For the music signals normally handled by audio amplifiers, a value of 1/8PO max is generally used for Pd as an
estimate of the power dissipation based on the type of continuous signal. (Note that the factor used may differ
depending on the safety standard used.)
This is:
Pd = 24.09W
(when 1/8PO max. = 3.75W).
The number of power transistors in audio amplifier block of these hybrid ICs, N, is 4, and the thermal resistance per
transistor,
θj-c, is 8.0°C/W. Therefore, the required heat sink thermal resistance for a guranteed ambient temperature,
Ta, of 50
°C will be as follows.
From formula (1)'
θc-a < (125 − 50)/24.09
< 3.11
From formula (2)'
θc-a < (150 − 50)/24.09 − 4.2/4
< 3.10
Therefore, the value of 3.10
°C/W, which satisfies both of these formulae, is the required thermal resistance of the heat
sink.
Note that this thermal design example assumes the use of a constant-voltage power supply, and is therefore not a
verified design for any particular user’s end product.


유사한 부품 번호 - STK433-730-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
More results

유사한 설명 - STK433-730-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK402-950 SANYO-STK402-950 Datasheet
578Kb / 6P
   5CH AB AUDIO POWER IC 30W X 5 CH
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
ON Semiconductor
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com