전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3173A 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC3173A
상세설명  Full Bridge Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3173A 데이터시트(HTML) 4 Page - Texas Instruments

  UC3173A Datasheet HTML 1Page - Texas Instruments UC3173A Datasheet HTML 2Page - Texas Instruments UC3173A Datasheet HTML 3Page - Texas Instruments UC3173A Datasheet HTML 4Page - Texas Instruments UC3173A Datasheet HTML 5Page - Texas Instruments UC3173A Datasheet HTML 6Page - Texas Instruments UC3173A Datasheet HTML 7Page - Texas Instruments UC3173A Datasheet HTML 8Page - Texas Instruments UC3173A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
UC3173A
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = 0 to +70°C, VIN = 5V,
VC = VIN = VL, REFIN = VIN/2, RANGE, PARK, and INH = 0V, and TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current Sense Amplifier
Input Offset Voltage
VCM = 2.5V, Low range mode
2.0
mV
VCM = 2.5V, High range mode
4.0
mV
Input Offset Change with Common
Mode Input
VCM = –1V to 13V, Supplies = 12V, Low Range Mode
2000
µV/V
VCM = –1V to 13V, Supplies = 12V, High Range Mode
4000
µV/V
Voltage Gain
VDIFF = +1.0 to −1.0V, VCM = 2.5V, High Range Mode
0.485
0.50
0.515
V/V
VDIFF = +1.0 to −1.0V, VCM = 2.5V, Low Range Mode
1.95
2.0
2.05
V/V
Saturation Voltage
Low-Side, IOUT = 1mA
0.1
0.3
V
High-Side, IOUT = −1mA, Referenced to VIN
0.1
0.3
V
Parking Function
Park Input Threshold Voltage
0.6
1.1
1.7
V
Park Input Threshold Current
Internal Pull-Up, VIN = 0.6V
50
75
µA
Park Drive Saturation Voltage
IOUT = 50mA
0.15
0.35
V
Park Drive Leakage
VOUT = 20V
50
µA
Regulating Voltage at Park Volts Input
1.275
1.30
1.325
V
Amplifier A Auxiliary Input Bias Current
−300
−750
nA
Amplifier A Parking High-Side
Saturation Voltage
IOUT = −50mA, VIN = 0V, VC = VL = 5V, PARK Open,
VC to VOUT
0.8
0.95
V
Minimum Parking Supply
At VC and VL, VIN = 0V,
A Amplifier Out - VSAT PRKDRV > 0.5V, IPARK =
50mA
1.4
1.7
V
Minimum Supply for Parking Drive and
Power OK Operation
At VL, VC = VIN = 0V, VSAT < 0.5V,
IOUT PRKDRV = 50mA, Rl = 30Ω to 2V
1.1
1.4
V
IOUT PWROK = 5mA, Rl = 300Ω to 2V
1.2
1.6
V
VL Parking Supply Current
PARK Open, VL = 5V, VC = 1.6V, VIN = 0V,
PWROK IOUT = 5mA, PRKDRV IOUT = 50mA
1.6
3.0
mA
Auxiliary Functions
Inhibit Input Threshold
0.6
1.1
1.7
V
Inhibit Input Current
INH = 1.7V
−0.5
−1.0
µA
Range Input Threshold
0.6
1.1
1.7
V
Range Input Current
RANGE = 1.7V
50
100
µA
Comp Adjust Pin Saturation Voltage
RANGE = 0V, Pin Current =
±500µA,
Referenced to AOUT
0.02
0.1
V
Comp Adjust Leakage Current
RANGE = 1.7V, Supplies = 12V,
AOUT -VCOMP = ±6V
5
µA
Total Supply Current when Inhibited
VIN, VC, and VL currents
1.0
1.5
mA
Thermal Shutdown Temperature
(Note 4)
165
°C
Note 4: Guaranteed by design. Not 100% tested in production.
Note 5: The high-side saturation performance of the UC3173A is referenced to the VIN supply pin.
The VC supply pin can operate about 400mV below the VIN supply input without affecting the performance.


유사한 부품 번호 - UC3173A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3173A TI1-UC3173A Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQP TI1-UC3173AQP Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQPTR TI1-UC3173AQPTR Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
More results

유사한 설명 - UC3173A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com