전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12024IRTCZ 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL12024IRTCZ
상세설명  Real-Time Clock/Calendar with Embedded Unique ID
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12024IRTCZ 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL12024IRTCZ Datasheet HTML 1Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 2Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 3Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 4Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 5Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 6Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 7Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 8Page - Intersil Corporation ISL12024IRTCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
FN6749.0
August 8, 2008
Block Diagram
X1
X2
OSCILLATOR
FREQUENCY
TIMER
LOGIC
DIVIDER
CALENDAR
8
CONTROL/
REGISTERS
1Hz
TIME
KEEPING
REGISTERS
ALARM REGS
COMPARE
CONTROL
DECODE
LOGIC
ALARM
(EEPROM)
(EEPROM)
SCL
SDA
SERIAL
INTERFACE
DECODER
4k
EEPROM
ARRAY
REGISTERS
STATUS
(SRAM)
SELECT
IRQ/FOUT
VDD
VBAT
32.768kHz
(SRAM)
BATTERY
CIRCUITRY
SWITCH
OSC
COMPENSATION
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
TDFN
1
X1
The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz
quartz crystal.
2
X2
The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz
quartz crystal. (See “Application Section” on page 20.)
3IRQ/FOUT
Interrupt Output/Frequency Output is a multi-functional pin that can be used as interrupt or frequency output pin. The
function is set via the control register. This output is an open drain configuration.
4
GND
Ground.
5
SDA
Serial Data (SDA) is a bidirectional pin used to transfer serial data into and out of the device. It has an open drain
output and may be wire OR’ed with other open drain or open collector outputs.
6
SCL
The Serial Clock (SCL) input is used to clock all serial data into and out of the device. The input buffer on this pin is
always active (not gated).
7
FVBAT
This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event that the
VDD supply fails. This pin should be tied to ground if not used.
8
VDD
Power Supply.
ISL12024IRTCZ


유사한 부품 번호 - ISL12024IRTCZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12024IRTCZ RENESAS-ISL12024IRTCZ Datasheet
974Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Intersil Corporation
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
426Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
December 15, 2011
More results

유사한 설명 - ISL12024IRTCZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12024IRTC INTERSIL-ISL12024IRTC Datasheet
426Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
December 15, 2011
logo
Renesas Technology Corp
ISL12024 RENESAS-ISL12024 Datasheet
1,018Kb / 25P
   Real-Time Clock/Calendar with Embedded Unique ID
ISL12024IRTC RENESAS-ISL12024IRTC Datasheet
974Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Intersil Corporation
ISL12024 INTERSIL-ISL12024 Datasheet
395Kb / 25P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
   I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
MCP79400T-I MICROCHIP-MCP79400T-I Datasheet
1Mb / 42P
   I2C Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
11/29/11
MCP79410 MICROCHIP-MCP79410 Datasheet
580Kb / 38P
   I2C??Real-Time Clock/Calendar with EEPROM, SRAM, Unique ID and Battery Switchover
2011
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com