전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL24020IHTZ-T7 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL24020IHTZ-T7
상세설명  Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24020IHTZ-T7 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL24020IHTZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL24020IHTZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6735.0
October 2, 2008
ISL24020
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.5V, VS +0.5V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 65mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
5 Lead TSOT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
215
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 1kΩ to 0V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 2)
7
µV/°C
IB
Input Bias Current
VCM = 0V
2
60
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-5.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -5.5V to 5.5V
50
70
dB
AVOL
Open-Loop Gain
-4.5V
≤ V
OUT ≤ 4.5V
62
70
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
-4.92
-4.85
V
VOH
Output Swing High
IL = 5mA
4.85
4.92
V
ISC
Short-Circuit Current
±180
mA
IOUT
Output Current
±65
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±7.75V
60
80
dB
IS
Supply Current
No load
2.5
4.5
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 3)
-4.0V
≤ V
OUT ≤ 4.0V, 20% to 80%
75
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
80
ns
BW
-3dB Bandwidth
60
MHz
GBWP
Gain-Bandwidth Product
32
MHz
PM
Phase Margin
50
°
dG
Differential Gain (Note 4)
RF = RG = 1kΩ and VOUT = 1.4V
0.17
%
dP
Differential Phase (Note 4)
RF = RG = 1kΩ and VOUT = 1.4V
0.24
°
NOTES:
2. Measured over operating temperature range.
3. Slew rate is measured on rising and falling edges.
4. NTSC signal generator used.


유사한 부품 번호 - ISL24020IHTZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
logo
Renesas Technology Corp
ISL24020IHTZ-T7 RENESAS-ISL24020IHTZ-T7 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
More results

유사한 설명 - ISL24020IHTZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
ISL24020 RENESAS-ISL24020 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com