전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3741AUR 데이터시트(PDF) 4 Page - Sony Corporation

부품명 CXA3741AUR
상세설명  High-speed Buffer Amplifier for CCD Image Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3741AUR 데이터시트(HTML) 4 Page - Sony Corporation

  CXA3741AUR Datasheet HTML 1Page - Sony Corporation CXA3741AUR Datasheet HTML 2Page - Sony Corporation CXA3741AUR Datasheet HTML 3Page - Sony Corporation CXA3741AUR Datasheet HTML 4Page - Sony Corporation CXA3741AUR Datasheet HTML 5Page - Sony Corporation CXA3741AUR Datasheet HTML 6Page - Sony Corporation CXA3741AUR Datasheet HTML 7Page - Sony Corporation CXA3741AUR Datasheet HTML 8Page - Sony Corporation CXA3741AUR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CXA3741AUR
- 4 -
6ISF0
I
External resistor
connection for setting the
CCD with open source
output sink current.
Connect external resistors
between these pins and
VCC (Pin 5).
When not using this
function, connect these
pins to GND.
*The minimum value for
external resistors should
be 100k
Ω (when VCC is
15V).
7ISF1
I
10
IN
I
CCD
output
voltage
Input
14
OUT
O
≈IN
Output
Pin
No.
Symbol
I/O
Standard
voltage
level
Equivalent circuit
Description
6
7
30k
30k
20k
VCC
GND
20k
VCC
GND
2k
10
×
IDRV
58
×
IISF
10µA
1.5k
10
10
×
IDRV
VCC
GND
50
50
14


유사한 부품 번호 - CXA3741AUR

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3785R SONY-CXA3785R Datasheet
452Kb / 47P
   Audio Driver for TV
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

유사한 설명 - CXA3741AUR

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com