전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK16C88-WF25 데이터시트(PDF) 7 Page - Cypress Semiconductor

부품명 STK16C88-WF25
상세설명  256 Kbit (32K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK16C88-WF25 데이터시트(HTML) 7 Page - Cypress Semiconductor

Back Button STK16C88-WF25 Datasheet HTML 3Page - Cypress Semiconductor STK16C88-WF25 Datasheet HTML 4Page - Cypress Semiconductor STK16C88-WF25 Datasheet HTML 5Page - Cypress Semiconductor STK16C88-WF25 Datasheet HTML 6Page - Cypress Semiconductor STK16C88-WF25 Datasheet HTML 7Page - Cypress Semiconductor STK16C88-WF25 Datasheet HTML 8Page - Cypress Semiconductor STK16C88-WF25 Datasheet HTML 9Page - Cypress Semiconductor STK16C88-WF25 Datasheet HTML 10Page - Cypress Semiconductor STK16C88-WF25 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STK16C88
Document Number: 001-50595 Rev. **
Page 7 of 14
Capacitance
In the following table, the capacitance parameters are listed.[4]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0 V
5pF
COUT
Output Capacitance
7
pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[4]
Parameter
Description
Test Conditions
28-PDIP
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods and proce-
dures for measuring thermal impedance, per EIA /
JESD51.
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
°C/W
Figure 4. AC Test Loads
AC Test Conditions
5.0V
Output
30 pF
R1 480
Ω
R2
255
Ω
Input Pulse Levels .................................................. 0 V to 3 V
Input Rise and Fall Times (10% - 90%)........................ <5 ns
Input and Output Timing Reference Levels ................... 1.5 V
Note
4. These parameters are guaranteed by design and are not tested.
[+] Feedback


유사한 부품 번호 - STK16C88-WF25

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK16C88-WF25 SIMTEK-STK16C88-WF25 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88-WF25 SIMTEK-STK16C88-WF25 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-WF25I SIMTEK-STK16C88-WF25I Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88-WF25I SIMTEK-STK16C88-WF25I Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results

유사한 설명 - STK16C88-WF25

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3_11 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com