전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK17TA8-RF45 데이터시트(PDF) 6 Page - Cypress Semiconductor

부품명 STK17TA8-RF45
상세설명  128k X 8 AutoStore nvSRAM with Real Time Clock
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17TA8-RF45 데이터시트(HTML) 6 Page - Cypress Semiconductor

Back Button STK17TA8-RF45 Datasheet HTML 2Page - Cypress Semiconductor STK17TA8-RF45 Datasheet HTML 3Page - Cypress Semiconductor STK17TA8-RF45 Datasheet HTML 4Page - Cypress Semiconductor STK17TA8-RF45 Datasheet HTML 5Page - Cypress Semiconductor STK17TA8-RF45 Datasheet HTML 6Page - Cypress Semiconductor STK17TA8-RF45 Datasheet HTML 7Page - Cypress Semiconductor STK17TA8-RF45 Datasheet HTML 8Page - Cypress Semiconductor STK17TA8-RF45 Datasheet HTML 9Page - Cypress Semiconductor STK17TA8-RF45 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
STK17TA8
Document #: 001-52039 Rev. **
Page 6 of 23
SRAM READ Cycles #1 and #2
Figure 5. SRAM READ Cycle #1: Address Controlled[3, 4, 6]
Figure 6. SRAM READ Cycle #2: E and G Controlled[3, 6]
Notes
3. W must be high during SRAM READ cycles.
4. Device is continuously selected with E and G both low
5. Measured
± 200mV from steady state output voltage.
6. HSB must remain high during READ and WRITE cycles.
NO.
Symbols
Parameter
STK17TA8-25 STK17TA8-45
Units
#1
#2
Alt.
Min
Max
Min
Max
1tELQV
tACS
Chip Enable Access Time
25
45
ns
2tAVAV[3]
tELEH[3]
tRC
Read Cycle Time
25
45
ns
3tAVQV[4]
tAVQV[4]
tAA
Address Access Time
25
45
ns
4tGLQV
tOE
Output Enable to Data Valid
12
20
ns
5tAXQX[4]
tAXQX[4]
tOH
Output Hold after Address Change
3
3
ns
6tELQX
tLZ
Address Change or Chip Enable to Output Active
3
3
ns
7tEHQZ[5]
tHZ
Address Change or Chip Disable to Output
Inactive
10
15
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
ns
9tGHQZ[5]
tOHZ
Output Disable to Output Inactive
10
15
ns
10
tELICCL[2]
tPA
Chip Enable to Power Active
0
0
ns
11
tEHICCH[2]
tPS
Chip Disable to Power Standby
25
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
2
29
11
7
9
10
8
4
3
6
1
[+] Feedback


유사한 부품 번호 - STK17TA8-RF45

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK17TA8-RF45 ETC-STK17TA8-RF45 Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
logo
Simtek Corporation
STK17TA8-RF45 SIMTEK-STK17TA8-RF45 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF45 SIMTEK-STK17TA8-RF45 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
List of Unclassifed Man...
STK17TA8-RF45I ETC-STK17TA8-RF45I Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
logo
Simtek Corporation
STK17TA8-RF45I SIMTEK-STK17TA8-RF45I Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

유사한 설명 - STK17TA8-RF45

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
logo
List of Unclassifed Man...
STK17TA8 ETC-STK17TA8 Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com