전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK17T88-RF45I 데이터시트(PDF) 8 Page - Cypress Semiconductor

부품명 STK17T88-RF45I
상세설명  32K x 8 AutoStore nvSRAM with Real Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17T88-RF45I 데이터시트(HTML) 8 Page - Cypress Semiconductor

Back Button STK17T88-RF45I Datasheet HTML 4Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 5Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 6Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 7Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 8Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 9Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 10Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 11Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
STK17T88
Document Number: 001-52040 Rev. *A
Page 8 of 22
AutoStore/Power Up RECALL
Figure 9. AutoStore Power Up RECALL
Notes
9. tHRECALL starts from the time VCC rises above VSWITCH
10. If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place
11. Industrial Grade Devices require 15 ms Max.
NO.
Symbols
Parameter
STK17T88
Units
Notes
Standard
Alternate
Min
Max
22
tHRECALL
Power up RECALL Duration
40
ms
9
23
tSTORE
tHLHZ
STORE
Cycle Duration
12.5
ms
10, 11
24
VSWITCH
Low Voltage Trigger Level
2.65
V
25
VCCRISE
VCC Rise Time
150
µS
NOTE: Read and Write cycles will be ignored during STORE, RECALL and while VCC is below VSWITCH
25
23
23
22
22
[+] Feedback


유사한 부품 번호 - STK17T88-RF45I

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK17T88-RF45I SIMTEK-STK17T88-RF45I Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF45I SIMTEK-STK17T88-RF45I Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK17T88-RF45ITR SIMTEK-STK17T88-RF45ITR Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF45ITR SIMTEK-STK17T88-RF45ITR Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
More results

유사한 설명 - STK17T88-RF45I

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com