전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK15C88-NF45 데이터시트(PDF) 10 Page - Cypress Semiconductor

부품명 STK15C88-NF45
상세설명  256 Kbit (32K x 8) PowerStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-NF45 데이터시트(HTML) 10 Page - Cypress Semiconductor

Back Button STK15C88-NF45 Datasheet HTML 6Page - Cypress Semiconductor STK15C88-NF45 Datasheet HTML 7Page - Cypress Semiconductor STK15C88-NF45 Datasheet HTML 8Page - Cypress Semiconductor STK15C88-NF45 Datasheet HTML 9Page - Cypress Semiconductor STK15C88-NF45 Datasheet HTML 10Page - Cypress Semiconductor STK15C88-NF45 Datasheet HTML 11Page - Cypress Semiconductor STK15C88-NF45 Datasheet HTML 12Page - Cypress Semiconductor STK15C88-NF45 Datasheet HTML 13Page - Cypress Semiconductor STK15C88-NF45 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK15C88
Document Number: 001-50593 Rev. **
Page 10 of 15
AutoStore or Power Up RECALL
Parameter
Alt
Description
STK15C88
Unit
Min
Max
tHRECALL
[10]
tRESTORE
Power up RECALL Duration
550
μs
tSTORE
[6]
tHLHZ
STORE Cycle Duration
10
ms
VRESET
Low Voltage Reset Level
3.6
V
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
Switching Waveforms
Figure 9. AutoStore/Power Up RECALL
Notes
10. tHRECALL starts from the time VCC rises above VSWITCH.
[+] Feedback


유사한 부품 번호 - STK15C88-NF45

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK15C88-NF45 SIMTEK-STK15C88-NF45 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF45 CYPRESS-STK15C88-NF45 Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
logo
Simtek Corporation
STK15C88-NF45I SIMTEK-STK15C88-NF45I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF45I CYPRESS-STK15C88-NF45I Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
logo
Simtek Corporation
STK15C88-NF45ITR SIMTEK-STK15C88-NF45ITR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
More results

유사한 설명 - STK15C88-NF45

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com