전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK22C48-NF45ITR 데이터시트(PDF) 7 Page - Cypress Semiconductor

부품명 STK22C48-NF45ITR
상세설명  16 Kbit (2K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48-NF45ITR 데이터시트(HTML) 7 Page - Cypress Semiconductor

Back Button STK22C48-NF45ITR Datasheet HTML 3Page - Cypress Semiconductor STK22C48-NF45ITR Datasheet HTML 4Page - Cypress Semiconductor STK22C48-NF45ITR Datasheet HTML 5Page - Cypress Semiconductor STK22C48-NF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK22C48-NF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK22C48-NF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK22C48-NF45ITR Datasheet HTML 9Page - Cypress Semiconductor STK22C48-NF45ITR Datasheet HTML 10Page - Cypress Semiconductor STK22C48-NF45ITR Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STK22C48
Document Number: 001-51000 Rev. **
Page 7 of 14
Capacitance
In the following table, the capacitance parameters are listed.[5]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0V
8pF
COUT
Output Capacitance
7pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[5]
Parameter
Description
Test Conditions
28-SOIC
(300 mil)
28-SOIC
(330 mil)
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA / JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
TBD
°C/W
Figure 6. AC Test Loads
AC Test Conditions
5.0V
Output
30 pF
R1 963
Ω
R2
512
Ω
5.0V
Output
5 pF
R1 963
Ω
R2
512
Ω
For Tri-state Specs
Input Pulse Levels .................................................... 0V to 3V
Input Rise and Fall Times (10% to 90%) ...................... <5 ns
Input and Output Timing Reference Levels .................... 1.5V
Note
5. These parameters are guaranteed by design and are not tested.
[+] Feedback


유사한 부품 번호 - STK22C48-NF45ITR

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK22C48-NF45ITR SIMTEK-STK22C48-NF45ITR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-NF45ITR SIMTEK-STK22C48-NF45ITR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
More results

유사한 설명 - STK22C48-NF45ITR

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com