전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2875DWPG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2875DWPG4
상세설명  Phase Shift Resonant Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2875DWPG4 데이터시트(HTML) 1 Page - Texas Instruments

  UC2875DWPG4 Datasheet HTML 1Page - Texas Instruments UC2875DWPG4 Datasheet HTML 2Page - Texas Instruments UC2875DWPG4 Datasheet HTML 3Page - Texas Instruments UC2875DWPG4 Datasheet HTML 4Page - Texas Instruments UC2875DWPG4 Datasheet HTML 5Page - Texas Instruments UC2875DWPG4 Datasheet HTML 6Page - Texas Instruments UC2875DWPG4 Datasheet HTML 7Page - Texas Instruments UC2875DWPG4 Datasheet HTML 8Page - Texas Instruments UC2875DWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
UC1875/6/7/8
UC2875/6/7/8
UC3875/6/7/8
DESCRIPTION
The UC1875 family of integrated circuits implements control of a bridge
power stage by phase-shifting the switching of one half-bridge with respect
to the other, allowing constant frequency pulse-width modulation in combi-
nation with resonant, zero-voltage switching for high efficiency performance
at high frequencies. This family of circuits may be configured to provide
control in either voltage or current mode operation, with a separate
over-current shutdown for fast fault protection.
A programmable time delay is provided to insert a dead-time at the turn-on
of each output stage. This delay, providing time to allow the resonant
switching action, is independently controllable for each output pair (A-B,
C-D).
With the oscillator capable of operation at frequencies in excess of 2MHz,
overall switching frequencies to 1MHz are practical. In addition to the stan-
dard free running mode, with the CLOCKSYNC pin, the user may configure
these devices to accept an external clock synchronization signal, or may
lock together up to 5 units with the operational frequency determined by
the fastest device.
Protective features include an undervoltage lockout which maintains all out-
puts in an active-low state until the supply reaches a 10.75V threshold.
1.5V hysteresis is built in for reliable, boot-strapped chip supply.
Over-current protection is provided, and will latch the outputs in the OFF
state within 70nsec of a fault. The current-fault circuitry implements
full-cycle restart operation.
(continued)
Phase Shift Resonant Controller
FEATURES
• Zero to 100% Duty Cycle Control
• Programmable Output Turn-On Delay
• Compatible with Voltage or Current
Mode Topologies
• Practical Operation at Switching
Frequencies to 1MHz
• Four 2A Totem Pole Outputs
• 10MHz Error Amplifier
• Undervoltage Lockout
• Low Startup Current –150µA
• Outputs Active Low During UVLO
• Soft-Start Control
• Latched Over-Current Comparator
With Full Cycle Restart
• Trimmed Reference
SLUS229B - JULY 1999 - REVISED JUNE 2004
BLOCK DIAGRAM
UDG-95073
application
INFO
available


유사한 부품 번호 - UC2875DWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2875DWPG4 TI1-UC2875DWPG4 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
More results

유사한 설명 - UC2875DWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com