전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2823A 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2823A
상세설명  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2823A 데이터시트(HTML) 1 Page - Texas Instruments

  UC2823A Datasheet HTML 1Page - Texas Instruments UC2823A Datasheet HTML 2Page - Texas Instruments UC2823A Datasheet HTML 3Page - Texas Instruments UC2823A Datasheet HTML 4Page - Texas Instruments UC2823A Datasheet HTML 5Page - Texas Instruments UC2823A Datasheet HTML 6Page - Texas Instruments UC2823A Datasheet HTML 7Page - Texas Instruments UC2823A Datasheet HTML 8Page - Texas Instruments UC2823A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
DESCRIPTION
The UC3823A & B and the UC3825A & B family of PWM control ICs are
improved versions of the standard UC3823 & UC3825 family. Performance
enhancements have been made to several of the circuit blocks. Error ampli-
fier gain bandwidth product is 12MHz while input offset voltage is 2mV. Cur-
rent limit threshold is guaranteed to a tolerance of 5%. Oscillator discharge
current is specified at 10mA for accurate dead time control. Frequency ac-
curacy is improved to 6%. Startup supply current, typically 100
µA, is ideal
for off-line applications. The output drivers are redesigned to actively sink
current during UVLO at no expense to the startup current specification. In
addition each output is capable of 2A peak currents during transitions.
Functional improvements have also been implemented in this family. The
UC3825 shutdown comparator is now a high-speed overcurrent comparator
with a threshold of 1.2V. The overcurrent comparator sets a latch that en-
sures full discharge of the soft start capacitor before allowing a restart.
While the fault latch is set, the outputs are in the low state. In the event of
continuous faults, the soft start capacitor is fully charged before discharge
to insure that the fault frequency does not exceed the designed soft start
period. The UC3825 Clock pin has become CLK/LEB. This pin combines
the functions of clock output and leading edge blanking adjustment and has
been buffered for easier interfacing.
(continued)
High Speed PWM Controller
FEATURES
• Improved versions of the
UC3823/UC3825 PWMs
• Compatible with Voltage or
Current-Mode Topologies
• Practical Operation at Switching
Frequencies to 1MHz
• 50ns Propagation Delay to Output
• High Current Dual Totem Pole
Outputs (2A Peak)
• Trimmed Oscillator Discharge Current
• Low 100µA Startup Current
• Pulse-by-Pulse Current Limiting
Comparator
• Latched Overcurrent Comparator With
Full Cycle Restart
SLUS334A - AUGUST 1995 - REVISED NOVEMBER 2000
BLOCK DIAGRAM
UDG-95101
* Note: 1823A,B Version Toggles Q and Q are always low
application
INFO
available


유사한 부품 번호 - UC2823A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2823A TI-UC2823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC2823A TI-UC2823A Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC2823A TI-UC2823A Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC2823A TI1-UC2823A Datasheet
353Kb / 12P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC2823A TI1-UC2823A Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

유사한 설명 - UC2823A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com