전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF423 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 BF423
상세설명  High Voltage Transistors(PNP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF423 데이터시트(HTML) 1 Page - Motorola, Inc

  BF423 Datasheet HTML 1Page - Motorola, Inc BF423 Datasheet HTML 2Page - Motorola, Inc BF423 Datasheet HTML 3Page - Motorola, Inc BF423 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
High Voltage Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BF421
BF423
Unit
Collector – Emitter Voltage
VCEO
–300
–250
Vdc
Collector – Base Voltage
VCBO
–300
–250
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–500
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage (1)
(IC = –1.0 mAdc, IB = 0)
BF421
BF423
V(BR)CEO
–300
–250
Vdc
Collector – Base Breakdown Voltage
(IC = –100 mAdc, IE = 0)
BF421
BF423
V(BR)CBO
–300
–250
Vdc
Emitter – Base Breakdown Voltage
(IE = –100 mAdc, IC = 0)
BF421
BF423
V(BR)EBO
–5.0
–5.0
Vdc
Collector Cutoff Current
(VCB = –200 Vdc, IE = 0)
BF421
BF423
ICBO
–0.01
mAdc
Emitter Cutoff Current
(VEB = –5.0 Vdc, IC = 0)
BF421
BF423
IEBO
–100
nAdc
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
Order this document
by BF421/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BF421
BF423
CASE 29–04, STYLE 14
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
2
3
BASE
1
EMITTER


유사한 부품 번호 - BF423

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BF423 ONSEMI-BF423 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
BF423 ONSEMI-BF423 Datasheet
110Kb / 4P
   High Voltage Transistors
July, 2010 ??Rev. 5
logo
NXP Semiconductors
BF423 PHILIPS-BF423 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
logo
SHENZHEN YONGERJIA INDU...
BF423 WINNERJOIN-BF423 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BF423 SIEMENS-BF423 Datasheet
124Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
More results

유사한 설명 - BF423

제조업체부품명데이터시트상세설명
logo
Weitron Technology
MMBT5401 WEITRON-MMBT5401 Datasheet
291Kb / 5P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
BF621_623 PHILIPS-BF621_623_15 Datasheet
132Kb / 10P
   PNP high-voltage transistors
2004 Dec 14
logo
Weitron Technology
MPSA92 WEITRON-MPSA92 Datasheet
169Kb / 4P
   High-Voltage PNP Transistors
logo
Diotec Semiconductor
MPSA92 DIOTEC-MPSA92_18 Datasheet
146Kb / 2P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF821 PHILIPS-BF821 Datasheet
41Kb / 8P
   PNP high-voltage transistors
1999 Apr 15
logo
Weitron Technology
MPSA94 WEITRON-MPSA94 Datasheet
1Mb / 4P
   High-Voltage PNP Transistors
logo
Guangdong Kexin Industr...
BF821 KEXIN-BF821 Datasheet
37Kb / 1P
   PNP High-Voltage Transistors
logo
NXP Semiconductors
BF870 PHILIPS-BF870 Datasheet
43Kb / 5P
   PNP high-voltage transistors
1996 Dec 09
BF821 NXP-BF821 Datasheet
105Kb / 6P
   PNP high-voltage transistors
2004 Jan 16
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com