전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDH3226 데이터시트(PDF) 7 Page - PREMO CORPORATION S.L

부품명 CDH3226
상세설명  SMD Power Inductors Unshielded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PREMO [PREMO CORPORATION S.L]
홈페이지  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH3226 데이터시트(HTML) 7 Page - PREMO CORPORATION S.L

Back Button CDH3226 Datasheet HTML 3Page - PREMO CORPORATION S.L CDH3226 Datasheet HTML 4Page - PREMO CORPORATION S.L CDH3226 Datasheet HTML 5Page - PREMO CORPORATION S.L CDH3226 Datasheet HTML 6Page - PREMO CORPORATION S.L CDH3226 Datasheet HTML 7Page - PREMO CORPORATION S.L CDH3226 Datasheet HTML 8Page - PREMO CORPORATION S.L CDH3226 Datasheet HTML 9Page - PREMO CORPORATION S.L CDH3226 Datasheet HTML 10Page - PREMO CORPORATION S.L CDH3226 Datasheet HTML 11Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CDH3216 , CDH32 , CDH3225 ,
CDH3226 , CDH45 , CDH45A &
CDH45B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
7
CDH45A (1µH – 2200µH)
CDH45A – 121K
120.0±10%
1
6.2
3.00
150
CDH45A – 151K
150.0±10%
1
5.5
3.70
130
CDH45A – 181K
180.0±10%
1
5.0
4.50
120
CDH45A – 221K
220.0±10%
1
4.5
5.40
110
CDH45A – 271K
270.0±10%
1
4.0
6.80
100
CDH45A – 331K
330.0±10%
1
3.6
8.20
95
CDH45A – 391K
390.0±10%
1
3.3
9.70
90
CDH45A – 471K
470.0±10%
0.001
3.0
11.80
80
CDH45A – 561K
560.0±10%
0.001
2.7
14.50
70
CDH45A – 681K
680.0±10%
0.001
2.5
17.00
65
CDH45A – 821K
820.0±10%
0.001
2.2
20.50
60
CDH45A – 102K
1000.0±10%
0.001
2.0
25.00
50
CDH45A – 122K
1200.0±10%
0.001
1.8
30.00
45
CDH45A – 152K
1500.0±10%
0.001
1.6
37.00
40
CDH45A – 182K
1800.0±10%
0.001
1.5
45.00
35
CDH45A – 222K
2200.0±10%
0.001
1.3
50.00
30
CDH45B (1µH – 470µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(MHz)
SRF
(MHz)
min.
RDC
(
Ω)
max.
IDC
(mA)
max.
CDH45B – 1R0M
1.0±20%
1
100.0
0.08
1080
CDH45B – 1R5M
1.5±20%
1
85.0
0.09
1000
CDH45B – 2R2M
2.2±20%
1
60.0
0.11
900
CDH45B – 3R3M
3.3±20%
1
47.0
0.13
800
CDH45B – 4R7M
4.7±20%
1
35.0
0.15
750
CDH45B – 6R8M
6.8±20%
1
30.0
0.20
720
CDH45B – 100K
10.0±10%
1
23.0
0.24
650
CDH45B – 150K
15.0±10%
1
20.0
0.32
570
CDH45B – 220K
22.0±10%
1
15.0
0.60
420
CDH45B – 330K
33.0±10%
1
12.0
1.00
310
CDH45B – 470K
47.0±10%
1
10.0
1.10
280
CDH45B – 680K
68.0±10%
1
8.4
1.70
220
CDH45B – 101K
100.0±10%
1
6.8
2.20
190
CDH45B – 151K
150.0±10%
1
5.5
3.50
130
CDH45B – 221K
220.0±10%
1
4.5
4.00
110
CDH45B – 331K
330.0±10%
1
3.6
6.80
100
CDH45B – 471K
470.0±10%
1
3.0
8.50
90


유사한 부품 번호 - CDH3226

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CDH300 CENTRAL-CDH300 Datasheet
68Kb / 1P
   SILICON LOW LEAKAGE DIODE
CDH300 CENTRAL-CDH300 Datasheet
72Kb / 1P
   Silicon Low Leakage Diode
CDH300 CENTRAL-CDH300_15 Datasheet
72Kb / 1P
   Silicon Low Leakage Diode
logo
Sumida Corporation
CDH30D11D SUMIDA-CDH30D11D Datasheet
144Kb / 3P
   SMD Power Inductor
CDH30D11DMB SUMIDA-CDH30D11DMB Datasheet
146Kb / 3P
   SMD Power Inductor
More results

유사한 설명 - CDH3226

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com