전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS0603-221+ 데이터시트(PDF) 2 Page - PREMO CORPORATION S.L

부품명 CS0603-221+
상세설명  Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PREMO [PREMO CORPORATION S.L]
홈페이지  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CS0603-221+ 데이터시트(HTML) 2 Page - PREMO CORPORATION S.L

  CS0603-221+ Datasheet HTML 1Page - PREMO CORPORATION S.L CS0603-221+ Datasheet HTML 2Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


유사한 부품 번호 - CS0603-221+

제조업체부품명데이터시트상세설명
logo
SAMWHA ELECTRIC
CS0603C0G104B100NBA SAMWHA-CS0603C0G104B100NBA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
CS0603C0G104B100NBB SAMWHA-CS0603C0G104B100NBB Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
CS0603C0G104B100NBE SAMWHA-CS0603C0G104B100NBE Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
CS0603C0G104B100NRA SAMWHA-CS0603C0G104B100NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
CS0603C0G104B100NRB SAMWHA-CS0603C0G104B100NRB Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
More results

유사한 설명 - CS0603-221+

제조업체부품명데이터시트상세설명
logo
PREMO CORPORATION S.L
CS0402 PREMO-CS0402 Datasheet
345Kb / 2P
   Ceramic Chip Inductor 0402 High Q(1nH-120nH)
CS0805F PREMO-CS0805F Datasheet
360Kb / 2P
   Ceramic Chip Inductor 0805 High Q (2.2nH-1000nH)
CS1008F PREMO-CS1008F Datasheet
267Kb / 1P
   Ceramic Chip Inductor 1008 High Q (10nH-4700nH)
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
KOA Speer Electronics, ...
KQ1008TTE10NJ KOA-KQ1008TTE10NJ Datasheet
285Kb / 5P
   high Q inductor
logo
Allied Components Inter...
CHQ05-2N5K-RC ALLIED-CHQ05-2N5K-RC Datasheet
410Kb / 1P
   Ceramic Core High Q Chip Inductors
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
RENCO ELECTRONICS, INC.
RL-7700-3HQ RENCO-RL-7700-3HQ Datasheet
1Mb / 2P
   HIGH Q CERAMIC WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com