전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF959 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 BF959
상세설명  VHF Transistor(NPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF959 데이터시트(HTML) 2 Page - Motorola, Inc

  BF959 Datasheet HTML 1Page - Motorola, Inc BF959 Datasheet HTML 2Page - Motorola, Inc BF959 Datasheet HTML 3Page - Motorola, Inc BF959 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BF959
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. hFE at 10 V
IC, COLLECTOR CURRENT (mA)
30
50
200
500
1000
10
1
Figure 2. VCE(sat) at IC/IB = 10
IC, COLLECTOR CURRENT (mA)
10
20
30
50
2
3
4 5
100
40
20
100
30
50
200
500
10
1
10
20
30
50
2
3
4
5
100
40
20
Figure 3. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
0.8
1.2
1.6
1.8
2.0
0.4
1
Figure 4. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
20
30
50
2
3
4 5
1.4
1
0.6
100
1
10
20
30
50
2
3
4 5
100
0.8
1.2
1.6
1.8
0.4
1.4
1
0.6
0.2
Figure 5. Input Impedance at 30 MHz
IC, COLLECTOR CURRENT (mA)
0.3
0.5
2
5
10
0.1
1
Figure 6. Output Impedance at 30 MHz
IC, COLLECTOR CURRENT (mA)
10
20
30
50
2
3
4 5
1
0.4
0.2
100
1
10
20
30
50
2
3
4
5
40
100
300
500
20
200
50
30
10
3
4
5 V
10 V
2 V
Cob
Cib
Cre
VCE = 10 V
g11e
b11e
VCE = 10 V
b22e
g22e
40


유사한 부품 번호 - BF959

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BF959 SIEMENS-BF959 Datasheet
66Kb / 3P
   NPN Silicon RF Transistor (For SAW filter driver applications in TV tuners For linear broadband VHF amplifier stages)
logo
ON Semiconductor
BF959 ONSEMI-BF959 Datasheet
53Kb / 4P
   VHF Transistor NPN Silicon
October, 2005 ??Rev. 3
logo
Continental Device Indi...
BF959 CDIL-BF959 Datasheet
145Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
List of Unclassifed Man...
BF959 ETC-BF959 Datasheet
301Kb / 1P
   PNP OUTPUT TRANSISTOR
logo
Continental Device Indi...
BF959 CDIL-BF959 Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
More results

유사한 설명 - BF959

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MPSH20 SAMSUNG-MPSH20 Datasheet
219Kb / 6P
   NPN (VHF TRANSISTOR)
logo
Motorola, Inc
MMT918 MOTOROLA-MMT918 Datasheet
34Kb / 1P
   NPN VHF/UHF TRANSISTOR
logo
Samsung semiconductor
MMBTH24 SAMSUNG-MMBTH24 Datasheet
31Kb / 1P
   NPN (VHF MIXER TRANSISTOR)
logo
ON Semiconductor
BF959 ONSEMI-BF959 Datasheet
53Kb / 4P
   VHF Transistor NPN Silicon
October, 2005 ??Rev. 3
MMBTH10M3T5G ONSEMI-MMBTH10M3T5G Datasheet
125Kb / 5P
   NPN VHF/UHF Transistor
January, 2009 ??Rev. 0
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
   VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
logo
Pan Jit International I...
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBTH10 SEMTECH_ELEC-MMBTH10 Datasheet
130Kb / 1P
   NPN Silicon VHF/UHF Transistor
logo
Leshan Radio Company
MMBT918LT1 LRC-MMBT918LT1 Datasheet
58Kb / 2P
   VHF/UFH Transistor(NPN Silicon)
logo
Zetex Semiconductors
BFS20 ZETEX-BFS20 Datasheet
45Kb / 1P
   NPN SILICON PLANAR VHF TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com