전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCP1654BD133R2G 데이터시트(PDF) 18 Page - ON Semiconductor

부품명 NCP1654BD133R2G
상세설명  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654BD133R2G 데이터시트(HTML) 18 Page - ON Semiconductor

Back Button NCP1654BD133R2G Datasheet HTML 14Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 15Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 16Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 17Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 18Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 19Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 20Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 21Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
NCP1654
http://onsemi.com
18
Soft Start
The block diagram and timing diagram of soft start
function are as shown in Figure 42 and Figure 43. The
device provides no output (or no duty ratio) when the
Vcontrol is lower than VCONTROL(min). Vcontrol is pulled low
when:
Brown−out, or
Undervoltage Protection
When the IC recovers from one of the following
conditions;
Undervoltage Lockout, Brown−out or
Undervoltage Protection, the 200
mA current source block
keeps off. Hence only the Operating Trans−conductance
Amplifier (OTA) raises the Vcontrol. And Vcontrol rises
slowly. This is to obtain a slow increasing duty cycle and
hence reduce the voltage and current stress on the
MOSFET. A soft−start operation is obtained.
Figure 42. Soft Start Block Diagram
+
-
+
-
95%
VREF
VREF
OTA
Vfb
6
5
Vcontrol
Vout Low Detect
200 mA
Vdd
±20 mA
Q
Q
S
R
Bias
Vdd
Off
UVP
UVLO
BO
UVLO
BO
95% VREF
Figure 43. Soft Start Timing Diagram
Period I
Period II
UVLO, BO, or UVP
Vdd
Vdd Rising
Vfb
Set
Reset
Q
Vout Low Detect


유사한 부품 번호 - NCP1654BD133R2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
More results

유사한 설명 - NCP1654BD133R2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com