전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BRY55 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 BRY55
상세설명  SCRs 0.8 AMPERE RMS 30 TO 600 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BRY55 데이터시트(HTML) 2 Page - Motorola, Inc

  BRY55 Datasheet HTML 1Page - Motorola, Inc BRY55 Datasheet HTML 2Page - Motorola, Inc BRY55 Datasheet HTML 3Page - Motorola, Inc BRY55 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BRY55-30 thru 600
2
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
75
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
200
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C, RGK = 1000 Ω unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
Peak Forward Blocking Current
(VD = Rated VDRM @ TC = 125°C)
IDRM
100
µA
Peak Reverse Blocking Current
(VR = Rated VRRM @ TC = 125°C)
IRRM
100
µA
Forward “On” Voltage(1)
(ITM = 1 A Peak @ TA = 25°C)
VTM
1.7
Volts
Gate Trigger Current (Continuous dc)(2)
TC = 25°C
(Anode Voltage = 7 Vdc, RL = 100 Ohms)
IGT
200
µA
Gate Trigger Voltage (Continuous dc)
TC = 25°C
(Anode Voltage = 7 Vdc, RL = 100 Ohms)
TC = –40°C
(Anode Voltage = Rated VDRM, RL = 100 Ohms)
TC = 125°C
VGT
0.1
0.8
1.2
Volts
Holding Current
TC = 25°C
(Anode Voltage = 7 Vdc, initiating current = 20 mA)
TC = –40°C
IH
5
10
mA
1. Forward current applied for 1 ms maximum duration, duty cycle
p 1%.
2. RGK current is not included in measurement.
3. MARKING: BRY55-30
= BRY55-1
BRY55-60
= BRY55-2
BRY55-100 = BRY55-3
BRY55-200 = BRY55-4
BRY55-400 = BRY55-6
BRY55-500 = BRY55-7
BRY55-600 = BRY55-8
180
60
90
α
60
120
180
0.4
50
60
70
80
90
100
110
120
0
0.1
0.3
0.2
FIGURE 1 — CURRENT DERATING
(REFERENCE: CASE TEMPERATURE)
130
0.5
α = 30
90
dc
CASE MEASUREMENT
POINT — CENTER OF
FLAT PORTION
α = CONDUCTION ANGLE
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
TYPICAL PRINTED
CIRCUIT BOARD
MOUNTING
FIGURE 2 — CURRENT DERATING
(REFERENCE: AMBIENT TEMPERATURE)
30
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
0.4
0
0.1
0.3
0.2
α
α = CONDUCTION ANGLE
α = CONDUCTION ANGLE
α = 30
120
50
70
90
110
130


유사한 부품 번호 - BRY55

제조업체부품명데이터시트상세설명
logo
Digitron Semiconductors
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
   SILICON CONTROLLED RECTIFIER
BRY55-100 DIGITRON-BRY55-100 Datasheet
177Kb / 2P
   SILICON CONTROLLED RECTIFIER
BRY55-200 DIGITRON-BRY55-200 Datasheet
177Kb / 2P
   SILICON CONTROLLED RECTIFIER
BRY55-30 DIGITRON-BRY55-30 Datasheet
177Kb / 2P
   SILICON CONTROLLED RECTIFIER
BRY55-400 DIGITRON-BRY55-400 Datasheet
177Kb / 2P
   SILICON CONTROLLED RECTIFIER
More results

유사한 설명 - BRY55

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BRX44 MOTOROLA-BRX44 Datasheet
82Kb / 4P
   SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS
MCR08BT1 MOTOROLA-MCR08BT1 Datasheet
294Kb / 6P
   SCR 0.8 AMPERE RMS 200 thru 600 Volts
MAC08BT1 MOTOROLA-MAC08BT1 Datasheet
205Kb / 5P
   TRIAC 0.8 AMPERE RMS 200 thru 600 Volts
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Powerex Power Semicondu...
BCR30AM POWEREX-BCR30AM Datasheet
71Kb / 4P
   Triac 30 Ampere/400-600 Volts
logo
Central Semiconductor C...
2N876 CENTRAL-2N876 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
Micro Commercial Compon...
MCR100-6 MCC-MCR100-6 Datasheet
323Kb / 3P
   0.8 Ampere Silicon Controlled Rectifiers 400 thru 600 Volts
MCR100F-6 MCC-MCR100F-6 Datasheet
298Kb / 3P
   0.8 Ampere Silicon Controlled Rectifiers 400 thru 600 Volts
logo
ON Semiconductor
MCR716 ONSEMI-MCR716 Datasheet
68Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers(SCRs 4.0 AMPERES RMS 400 - 600 VOLTS)
August, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com