전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSM20-Ant 데이터시트(PDF) 5 Page - rfsolutions.ltd

부품명 GSM20-Ant
상세설명  GSM & GPRS MODEM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFSOLUTIONS [rfsolutions.ltd]
홈페이지  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM20-Ant 데이터시트(HTML) 5 Page - rfsolutions.ltd

  GSM20-Ant Datasheet HTML 1Page - rfsolutions.ltd GSM20-Ant Datasheet HTML 2Page - rfsolutions.ltd GSM20-Ant Datasheet HTML 3Page - rfsolutions.ltd GSM20-Ant Datasheet HTML 4Page - rfsolutions.ltd GSM20-Ant Datasheet HTML 5Page - rfsolutions.ltd GSM20-Ant Datasheet HTML 6Page - rfsolutions.ltd GSM20-Ant Datasheet HTML 7Page - rfsolutions.ltd GSM20-Ant Datasheet HTML 8Page - rfsolutions.ltd GSM20-Ant Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 5
GSM100 USERS MANUAL
CHAPTER 1
INTRODUCTION
Fargo Maestro is a ready-to-use GSM modem for voice, data, fax and SMS services. It also supports GPRS Class
10(Fargo Maestro 100) for hi-speed data transfer. The modems can be easily controlled by using AT command for
all kinds of operations. With standard 9-pin RS232 port and telephone-like audio plug (via optional cable).
1.1.
Package
The Fargo Maestro package should include the following:
1.Fargo Maestro x 1
2. Power cord with fuse x 1
3. Safety note x 1
1.2.
Interfaces
1.2.1. Status indicator
The LED will indicate different status of the modem:
-
off
Modem switched off
-
on
Modem is connecting to the network
-
flashing slowly Modem is in idle mode
-
flashing rapidly Modem is in transmission/communication (GSM only)
1.2.2. SMA female antenna connector
-
Connect this to an external antenna with SMA male connector. Make sure the antenna is for the GSM900/1800
frequency with impedance of 50ohm, and also connector is secured tightly.
S
SIIM
M h
ho
olld
de
err e
ejje
ec
ctt b
bu
utttto
on
n
S
Stta
attu
us
s iin
nd
diic
ca
atto
orr
S
SIIM
M h
ho
olld
de
err
4
4--P
PIIN
N c
co
on
nn
ne
ec
ctto
orr ((P
Po
ow
we
err,, IIn
np
pu
utt // O
Ou
uttp
pu
utt))
1
15
5 p
piin
n S
Su
ub
b--D
D F
Fe
em
ma
alle
e C
Co
on
nn
ne
ec
ctto
orr
((R
RS
S2
23
32
2//A
Au
ud
diio
o))
S
SM
MA
A ffe
em
ma
alle
e a
an
ntte
en
nn
na
a c
co
on
nn
ne
ec
ctto
orr


유사한 부품 번호 - GSM20-Ant

제조업체부품명데이터시트상세설명
logo
rfsolutions.ltd
GSM20-ANT RFSOLUTIONS-GSM20-ANT Datasheet
900Kb / 10P
   LOW COST GSM MODEM
More results

유사한 설명 - GSM20-Ant

제조업체부품명데이터시트상세설명
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
logo
RF Micro Devices
RF2722 RFMD-RF2722_1 Datasheet
348Kb / 26P
   GSM/GPRS/EDGE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com