전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM-103C15-433NB 데이터시트(PDF) 3 Page - rfsolutions.ltd

부품명 FM-103C15-433NB
상세설명  RADIO TRANSMITTER ENCODERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFSOLUTIONS [rfsolutions.ltd]
홈페이지  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-103C15-433NB 데이터시트(HTML) 3 Page - rfsolutions.ltd

  FM-103C15-433NB Datasheet HTML 1Page - rfsolutions.ltd FM-103C15-433NB Datasheet HTML 2Page - rfsolutions.ltd FM-103C15-433NB Datasheet HTML 3Page - rfsolutions.ltd FM-103C15-433NB Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS103_3
Jan ‘01
©2001 Reg. No. 227 4001, ENGLAND
Page 3
103 & 107 SERIES RADIO TRANSMITTER ENCODERS
PCB Mechanical Details
PP3
BATTERY
PP3
BATTERY
J9
J1
J8
HCS360
Programming
PADS
EXTERNAL SWITCH
HEADER
TOP VIEW
76mm
127mm
RF
173 / 418 / 433 / 458 / 868
MHz TRANSMITTERS
Absolute Maximum Ratings
Supply Voltage (VCC to GND)
+5.5 to +25 Volts
Storage Temperature
-25°C to +80°C
Operating Temperature
0°C to +55°C
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage
8
13
24
V
Supply Current :
433MHz
458MHz
11
150
18
180
25
220
MA
MA
MA
Frequency for Std 433MHz
432.90
433.920
434.100
MHz
Frequency for 433NB Unit
434.475
434.525
434.575
MHz
Frequency
458.850
MHz
RF Output Power (ERP) @ 433 MHz
-
10
mW
RF Output Power (ERP) @ 433NB
-
10
mW
RF Output Power (ERP) @ 458 MHz
-
500
mW
License Exemption
The radios transmitters used have been designed to meet ETSI300-220, EN50081-1, EN50082-1 EMC
directive and are DTI approved under MPT1329 for licence free use.


유사한 부품 번호 - FM-103C15-433NB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM-1000-50 ETC2-FM-1000-50 Datasheet
32Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
Tyco Electronics
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
logo
Tyco Electronics
FM-104PIN MACOM-FM-104PIN Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
More results

유사한 설명 - FM-103C15-433NB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PTM230 ETC2-PTM230 Datasheet
118Kb / 1P
   Radio transmitter module
logo
Toshiba Semiconductor
TA8136S TOSHIBA-TA8136S Datasheet
157Kb / 5P
   RADIO CONTROL TRANSMITTER IC
logo
rfsolutions.ltd
QFMT1-XXX RFSOLUTIONS-QFMT1-XXX Datasheet
49Kb / 5P
   QM Radio Transmitter Module
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
logo
rfsolutions.ltd
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com