전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCA1A107K8R 데이터시트(PDF) 9 Page - Rohm

부품명 TCA1A107K8R
상세설명  Chip tantalum capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

TCA1A107K8R 데이터시트(HTML) 9 Page - Rohm

Back Button TCA1A107K8R Datasheet HTML 4Page - Rohm TCA1A107K8R Datasheet HTML 5Page - Rohm TCA1A107K8R Datasheet HTML 6Page - Rohm TCA1A107K8R Datasheet HTML 7Page - Rohm TCA1A107K8R Datasheet HTML 8Page - Rohm TCA1A107K8R Datasheet HTML 9Page - Rohm TCA1A107K8R Datasheet HTML 10Page - Rohm TCA1A107K8R Datasheet HTML 11Page - Rohm TCA1A107K8R Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TC Series A Case
Tantalum capacitors
Rev.D
9/11
Malfunction rate as function of operating
Malfunction rate as function of circuit resistance ( /V)
temperature and rated voltage
0.01
0.02
0.03
0.06
0.1
0.2
0.3
0.5
1.0
Ratio=
Rated Voltage
Applied Voltage
1.0
0.7
0.5
0.3
0.1
20
40
60
85
Fig.3
OPERATING TEMPERATURE ( C)
0.4
0.6
0.8
1.0
2.0
4.0
6.0
0.1
0.2
0.6
0.4
3.0
1.0
2.0
RESISTANCE OF CIRCUIT (
Ω / V)
Fig.4
(4) Maximum power dissipation
Warming of the capacitor due to ripple voltage balances with warming caused by Joule heating and by radiated heat.
Maximum allowable warming of the capacitor is to 5 C above ambient temperature. When warming exceeds 5 C, it can
damage the dielectric and cause a short circuit.
Power dissipation (P) = I
2
R
Ripple current
P : As shown in table at right
R : Equivalent series resistance
Notes:
1. Please be aware that when case size is changed, maximum allowable power dissipation is reduced.
2. Maximum power dissipation varies depending on the package. Be sure to use a case which will keep warming within
the limits shown in the table below.
Allowable power dissipation (W) and maximum temperature rising
Case
Temp.
0.070
A case (3216)
0.063
0.056
0.028
0.025
P case (2012)
0.022
0.020
0.010
5552
Max. Temp Rise [ C]
+25 C
+55 C
+85 C
+125 C


유사한 부품 번호 - TCA1A107K8R

제조업체부품명데이터시트상세설명
logo
Rohm
TCA1A106K ROHM-TCA1A106K Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCA1A106K8R ROHM-TCA1A106K8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCA1A106M ROHM-TCA1A106M Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCA1A106M8R ROHM-TCA1A106M8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCA1A106M8R ROHM-TCA1A106M8R Datasheet
933Kb / 8P
   Chip tantalum capacitors
More results

유사한 설명 - TCA1A107K8R

제조업체부품명데이터시트상세설명
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com