전자부품 데이터시트 검색엔진 |
|
KF10N50P 데이터시트(PDF) 2 Page - KEC(Korea Electronics) |
|
KF10N50P 데이터시트(HTML) 2 Page - KEC(Korea Electronics) |
2 / 7 page 2008. 10. 29 2/7 KF10N50P/F/PZ/FZ Revision No : 1 ELECTRICAL CHARACTERISTICS (Tc=25 ) Note 1) Repetivity rating : Pulse width limited by junction temperature. Note 2) L =5.5mH, IS=10A, VDD=50V, RG=25 , Starting Tj=25 . Note 3) IS 10A, dI/dt 200A/ , VDD BVDSS, Starting Tj=25 . Note 4) Pulse Test : Pulse width 300 , Duty Cycle 2%. Note 5) Essentially independent of operating temperature. 2 PRODUCT NAME LOT NO 1 813 2 KF10N50 F 1 801 2 KF10N50 P 1 Marking CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Static Drain-Source Breakdown Voltage BVDSS ID=250 A, VGS=0V 500 - - V Breakdown Voltage Temperature Coefficient BVDSS/ Tj ID=250 A, Referenced to 25 - 0.6 - V/ Drain Cut-off Current IDSS VDS=500V, VGS=0V - - 10 A Gate Threshold Voltage Vth VDS=VGS, ID=250 A 2 - 4 V Gate Leakage Current IGSS KF10N50P/F VGS= 30V, VDS=0V - - 100 nA KF10N50PZ/FZ VGS= 25V, VDS=0V - - 10 A Drain-Source ON Resistance RDS(ON) VGS=10V, ID=5A - 0.54 0.65 Dynamic Total Gate Charge Qg VDS=400V, ID=10A VGS=10V (Note4,5) - 19.5 - nC Gate-Source Charge Qgs - 4.5 - Gate-Drain Charge Qgd - 8.7 - Turn-on Delay time td(on) VDD=250V ID=10A RG=25 (Note4,5) - 27 - ns Turn-on Rise time tr - 35 - Turn-off Delay time td(off) - 60 - Turn-off Fall time tf - 29 - Input Capacitance Ciss VDS=25V, VGS=0V, f=1.0MHz - 880 - pF Reverse Transfer Capacitance Crss - 12 - Output Capacitance Coss - 133 - Source-Drain Diode Ratings Continuous Source Current IS VGS<Vth - - 10 A Pulsed Source Current ISP - - 40 Diode Forward Voltage VSD IS=10A, VGS=0V - - 1.4 V Reverse Recovery Time trr IS=10A, VGS=0V, dIs/dt=100A/ s - 320 - ns Reverse Recovery Charge Qrr - 3.5 - C |
유사한 부품 번호 - KF10N50P |
|
유사한 설명 - KF10N50P |